Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN640 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TYN640
Description  40A SCRS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN640 Datasheet(HTML) 4 Page - STMicroelectronics

  TYN640 Datasheet HTML 1Page - STMicroelectronics TYN640 Datasheet HTML 2Page - STMicroelectronics TYN640 Datasheet HTML 3Page - STMicroelectronics TYN640 Datasheet HTML 4Page - STMicroelectronics TYN640 Datasheet HTML 5Page - STMicroelectronics TYN640 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYNx40 Series
4/6
Figure 8: Ordering Information Scheme
Table 6: Product Selector
TYN
6
40
RG
Standard SCR series
Packing mode
Voltage
Current
6 = 600V
8 = 800V
10 = 100V
40 = 40A
RG = Tube
Part Numbers
Voltage (xxx)
Sensitivity
Package
600 V
800 V
1000 V
TYNx40
X
X
X
35 mA
TO-220AB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com