Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN640 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TYN640
Description  40A SCRS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN640 Datasheet(HTML) 5 Page - STMicroelectronics

  TYN640 Datasheet HTML 1Page - STMicroelectronics TYN640 Datasheet HTML 2Page - STMicroelectronics TYN640 Datasheet HTML 3Page - STMicroelectronics TYN640 Datasheet HTML 4Page - STMicroelectronics TYN640 Datasheet HTML 5Page - STMicroelectronics TYN640 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYNx40 Series
5/6
Figure 9: TO-220AB Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102
Table 7: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
TYN640RG
TYN640
TO-220AB
2.3 g
50
Tube
TYN840RG
TYN840
TYN1040RG
TYN1040
Table 8: Revision History
Date
Revision
Description of Changes
Apr-2002
4A
Last update.
13-Feb-2006
5
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com