Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN800STR-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN800STR-E
Description  HIGH SIDE DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800STR-E Datasheet(HTML) 4 Page - STMicroelectronics

  VN800STR-E Datasheet HTML 1Page - STMicroelectronics VN800STR-E Datasheet HTML 2Page - STMicroelectronics VN800STR-E Datasheet HTML 3Page - STMicroelectronics VN800STR-E Datasheet HTML 4Page - STMicroelectronics VN800STR-E Datasheet HTML 5Page - STMicroelectronics VN800STR-E Datasheet HTML 6Page - STMicroelectronics VN800STR-E Datasheet HTML 7Page - STMicroelectronics VN800STR-E Datasheet HTML 8Page - STMicroelectronics VN800STR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
VN800S-E / VN800PT-E
4/24
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C<Tj<150°C unless otherwise specified)
Table 5. Power
Table 6. Switching (VCC =24V)
Table 7. Input Pin
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Supply Voltage
5.5
36
V
VUSD
Undervoltage Shut-down
3
4
5.5
V
VOV
Overvoltage Shut-down
36
42
V
RON
On State Resistance
IOUT =0.5A; Tj=25°C
IOUT=0.5A
135
270
m
Ω
m
Ω
IS
Supply Current
Off State; VCC=24V; Tcase=25°C
On State; VCC=24V
On State; VCC=24V; Tcase=100°C
10
1.5
20
3.5
2.6
µA
mA
mA
ILGND
Output Current at turn-off
VCC=VSTAT=VIN=VGND=24V;VOUT=0V
1
mA
IL(off1)
Off State Output Current
VIN=VOUT=0V
0
50
µA
IL(off2)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =125°C
5
µA
IL(off3)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =25°C
3
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
RL=48Ω from VIN rising edge to
VOUT=2.4V
10
µs
td(off)
Turn-off Delay Time
RL=48Ω from VIN falling edge to
VOUT=21.6V
40
µs
dVOUT/
dt(on)
Turn-on Voltage Slope
RL=48Ω from VOUT=2.4V to
VOUT=19.2V
See
relative
diagram
V/
µs
dVOUT/
dt(off)
Turn-off Voltage Slope
RL=48Ω from VOUT=21.6V to
VOUT=2.4V
See
relative
diagram
V/
µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VINL
Input Low Level
1.25
V
IINL
Low Level Input Current
VIN=1.25V
1
µA
VINH
Input High Level
3.25
V
IINH
High Level Input Current
VIN=3.25V
10
µA
VI(hyst)
Input Hysteresis Voltage
0.5
V
IIN
Input Current
VIN=VCC=36V
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com