Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6932H1.2TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6932H1.2TR
Description  High performance 2A ULDO linear regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932H1.2TR Datasheet(HTML) 1 Page - STMicroelectronics

  L6932H1.2TR Datasheet HTML 1Page - STMicroelectronics L6932H1.2TR Datasheet HTML 2Page - STMicroelectronics L6932H1.2TR Datasheet HTML 3Page - STMicroelectronics L6932H1.2TR Datasheet HTML 4Page - STMicroelectronics L6932H1.2TR Datasheet HTML 5Page - STMicroelectronics L6932H1.2TR Datasheet HTML 6Page - STMicroelectronics L6932H1.2TR Datasheet HTML 7Page - STMicroelectronics L6932H1.2TR Datasheet HTML 8Page - STMicroelectronics L6932H1.2TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 2007
Rev 2
1/13
13
L6932H1.2
High performance 2A ULDO linear regulator
Features
■ 2V to 14V input voltage range
■ 200mΩ rDS(on) max
■ 200µA quiescent current at any load
■ Excellent load and line regulation
■ Adjustable from 1.2V to 5V
■ 1% voltage regulation accuracy
■ Short circuit protection
■ Thermal shut down
■ HSOP8 package
Applications
■ Motherboards
■ Mobile PC
■ Hand-held instruments
■ PCMCIA Cards
■ Processors I/O
■ Chipset and RAM supply
Description
The L6932 Ultra Low Drop Output linear regulator
operates from 2V to 14V and is able to support
output current up to 2A. Designed with an interna
l
50m
Ω N-channel Mosfet, it can be used for
onboard DC-DC conversions saving in real
estate, list of components, low noise generation
and power dissipation.
L6932H1.2 is available as adjustable version from
1.2V to 5V with a voltage regulation accuracy of
1%.
The upper current limit is fixed at 2.5A to control
the current in short circuit condition within ±8%.
The current is sensed in the power mos in order
to limit the power dissipation.
The device is also provided with a thermal shut
down that limits the internal temperature at 150°C
with a histeresys of 20°C. L6932H1.2 provides the
Enable and the Power good functions.
HSO-8
www.st.com
Figure 1.
Typical operating circuit
L6932H1.2
R1
R2
R3
C1
C2
Vout=1.2V to 5V
Vin=2V to 14V
1
2
3
4
5
6
7
8
EN
Vin
Vout
PGOOD
FB
GND
NC2
NC1
L6932H1.2
R1
R2
R3
C1
C2
Vout=1.2V to 5V
Vin=2V to 14V
1
2
3
4
5
6
7
8
EN
Vin
Vout
PGOOD
FB
GND
NC2
NC1
Table 1. Device summary
Part number
Package
Packaging
L6932H1.2
HSO-8
Tube
L6932H1.2TR
HSO-8
Tape and reel


Similar Part No. - L6932H1.2TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
More results

Similar Description - L6932H1.2TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
UP TO 5A ULDO LINEAR REGULATOR
May-2000
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
High performance 3 A ULDO linear regulator
20-May-2008
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
High performance 2A ULDO linear regulator with Soft Start
22-Nov-2007
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
500mA Micropower ULDO??Linear Regulator
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
2A Linear Regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com