Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6932H1.2TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6932H1.2TR
Description  High performance 2A ULDO linear regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932H1.2TR Datasheet(HTML) 4 Page - STMicroelectronics

  L6932H1.2TR Datasheet HTML 1Page - STMicroelectronics L6932H1.2TR Datasheet HTML 2Page - STMicroelectronics L6932H1.2TR Datasheet HTML 3Page - STMicroelectronics L6932H1.2TR Datasheet HTML 4Page - STMicroelectronics L6932H1.2TR Datasheet HTML 5Page - STMicroelectronics L6932H1.2TR Datasheet HTML 6Page - STMicroelectronics L6932H1.2TR Datasheet HTML 7Page - STMicroelectronics L6932H1.2TR Datasheet HTML 8Page - STMicroelectronics L6932H1.2TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maximum ratings
L6932H1.2
4/13
2
Maximum ratings
2.1
Absolute maximum ratings
2.2
Thermal data
3
Block diagram
Figure 3.
Internal block diagram
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
VIN and PGOOD
14.5
V
EN, OUT and ADJ
-0.3 to (Vin +0.3)
V
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Maximum thermal resistance junction-ambient
34 (1)
1.
Package mounted on board
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com