Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7374 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7374
Description  Dual bridge audio amplifier for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7374_08 Datasheet HTML 7Page - STMicroelectronics TDA7374_08 Datasheet HTML 8Page - STMicroelectronics TDA7374_08 Datasheet HTML 9Page - STMicroelectronics TDA7374_08 Datasheet HTML 10Page - STMicroelectronics TDA7374_08 Datasheet HTML 11Page - STMicroelectronics TDA7374_08 Datasheet HTML 12Page - STMicroelectronics TDA7374_08 Datasheet HTML 13Page - STMicroelectronics TDA7374_08 Datasheet HTML 14Page - STMicroelectronics TDA7374_08 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TDA7374
Output stage
11/19
3
Output stage
The fully complementary output stage was made possible by the development of a new
component: the ST exclusive power ICV PNP.
A novel design based upon the connection shown in Figure 17 has then allowed the full
exploitation of its possibilities.
Figure 17.
The new output stage
The clear advantages this new approach has over classical output stages are as follows:
3.1
Rail-to-rail output voltage swing with no need of bootstrap
capacitors
The output swing is limited only by the Vcesat of the output transistors, which are in the range
of 0.6
Ω each.
Classical solutions adopting composite PNP-NPN for the upper output stage have higher
saturation loss on the top side of the waveform. This unbalanced saturation causes a
significant power reduction. The only way to recover power consists of the addition of
expensive bootstrap capacitors.
3.2
Absolute stability without any external compensation
Referring to the circuit of Figure 17 the gain VOUT/VIN is greater than unity, approximately 1 +
R2/R1. The DC Output (VCC/2) is fixed by an auxiliary amplifier common to all the channels).
By controlling the amount of this local feedback it is possible to force the loop gain (A *
β) to
less than unity at frequency for which the phase shift is 180°C. This means that the output
buffer is intrinsically stable and not prone to oscillation.
Most remarkably, the above feature has been achieved in spite of the very low closed loop
gain of the amplifier.
In contrast, with the classical PNP-NPN stage, the solution adopted for reducing the gain at
high frequencies makes use of external RC networks, namely the Boucherot cells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com