Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7374 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7374
Description  Dual bridge audio amplifier for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7374_08 Datasheet HTML 11Page - STMicroelectronics TDA7374_08 Datasheet HTML 12Page - STMicroelectronics TDA7374_08 Datasheet HTML 13Page - STMicroelectronics TDA7374_08 Datasheet HTML 14Page - STMicroelectronics TDA7374_08 Datasheet HTML 15Page - STMicroelectronics TDA7374_08 Datasheet HTML 16Page - STMicroelectronics TDA7374_08 Datasheet HTML 17Page - STMicroelectronics TDA7374_08 Datasheet HTML 18Page - STMicroelectronics TDA7374_08 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TDA7374
Output stage
15/19
3.5
Clipping detector
Figure 23 shows an application using the TDA7374 in combination with the STM
audioprocessor TDA7302. The output clipping is recognized by the microprocessor (in this
application it is simulated by a PC). The detailed way to operate of the system is
represented by the flow-chart of Figure 22.
The controller detects when the clipping is active (minimun detection width fixed by a
C29 = 12 nF external capacitor), and reduces the volume (or bass) by step of 2 dB (with a
programmable waiting time), until no more clipping is detected. Then the controller waits for
a programmable time before increasing the volume again by step of 2 dB until clipping is
again detected or the panel selected volume is reached.
Practical advantages of this application is a better sound quality deriving from operation
under no clipping conditions, which also means the availability of higher undistorted power.
Figure 22.
Clipping detector control routine
3.6
What is needed for a demonstration
●
IBM compatible PC with parallel port
●
STM audioprocessor application disk
●
TDA7302 + TDA7374 board
●
Connector from audioprocessor board to PC parallel port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com