Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFXYY Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # CFXYY
Description  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

CFXYY Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  CFXYY Datasheet HTML 1Page - Advanced Analogic Technologies CFXYY Datasheet HTML 2Page - Advanced Analogic Technologies CFXYY Datasheet HTML 3Page - Advanced Analogic Technologies CFXYY Datasheet HTML 4Page - Advanced Analogic Technologies CFXYY Datasheet HTML 5Page - Advanced Analogic Technologies CFXYY Datasheet HTML 6Page - Advanced Analogic Technologies CFXYY Datasheet HTML 7Page - Advanced Analogic Technologies CFXYY Datasheet HTML 8Page - Advanced Analogic Technologies CFXYY Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
2
3221.2007.11.1.12
www .analogictech.com
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
2
3221.2007.11.1.12
www .analogictech.com
Pin Descriptions
Pin #
Symbol
Function
AAT3221
AAT3222
SOT23-5
SC70JW-8
1
2
2
IN
Input pin.
2
5, 6, 7, 8
1
GND
Ground connection pin.
34
5
EN (EN)
Enable input. Logic compatible enable with active high or active low option
available; see Ordering Information and Applications Information for details.
4
3
4
NC
Not connected.
5
1
3
OUT
Output pin; should be decoupled with 1μF or greater capacitor.
Pin Configuration
AAT3221
AAT3221
AAT3222
SOT23-5
SC70JW-8
SOT23-5
(Top View)
(Top View)
(Top View)
GND
OUT
NC
(EN) EN
IN
1
2
3
4
5
IN
NC
(EN) EN
GND
GND
GND
GND
OUT 1
2
3
45
6
7
8
IN
EN (EN)
NC
OUT
GND
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com