Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFXYY Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # CFXYY
Description  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

CFXYY Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  CFXYY Datasheet HTML 1Page - Advanced Analogic Technologies CFXYY Datasheet HTML 2Page - Advanced Analogic Technologies CFXYY Datasheet HTML 3Page - Advanced Analogic Technologies CFXYY Datasheet HTML 4Page - Advanced Analogic Technologies CFXYY Datasheet HTML 5Page - Advanced Analogic Technologies CFXYY Datasheet HTML 6Page - Advanced Analogic Technologies CFXYY Datasheet HTML 7Page - Advanced Analogic Technologies CFXYY Datasheet HTML 8Page - Advanced Analogic Technologies CFXYY Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
3
www .analogictech.com
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
3
www .analogictech.com
Absolute Maximum Ratings1
TA = 25°C, unless otherwise noted.
Symbol
Description
Value
Units
VIN
Input Voltage, <30ms, 10% DC (continuous max = 6.0V)
-0.3 to 7
V
VEN
EN (EN) to GND Voltage
-0.3 to 6
V
VENIN(MAX)
Maximum EN (EN) to Input Voltage
0.3
V
IOUT
Maximum DC Output Current
PD/(VIN-VO)mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
Thermal Information2
Symbol
Description
Value
Units
ΘJA
Thermal Resistance
150
°C/W
PD
Power Dissipation
667
mW
Recommended Operating Conditions
Symbol
Description
Rating
Units
VIN
Input Voltage3
(VOUT + VDO) to 5.5
V
T
Ambient Temperature Range
-40 to +85
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions
specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a demo board.
3. To calculate minimum input voltage, use the following equation: VIN(MIN) = VOUT(MAX) + VDO(MAX) as long as VIN ≥ 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com