Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T129Y Datasheet(PDF) 29 Page - STMicroelectronics

Part # M48T129Y
Description  5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129Y Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M48T129Y Datasheet HTML 22Page - STMicroelectronics M48T129Y Datasheet HTML 23Page - STMicroelectronics M48T129Y Datasheet HTML 24Page - STMicroelectronics M48T129Y Datasheet HTML 25Page - STMicroelectronics M48T129Y Datasheet HTML 26Page - STMicroelectronics M48T129Y Datasheet HTML 27Page - STMicroelectronics M48T129Y Datasheet HTML 28Page - STMicroelectronics M48T129Y Datasheet HTML 29Page - STMicroelectronics M48T129Y Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
29/30
M48T129Y, M48T129V
REVISION HISTORY
Table 19. Revision History
Date
Version
Revision Details
April 2000
1.0
Chipset data sheet - First Issue
22-Jun-01
2.0
Reformatted; added temperature information (Table 9, 10, 3, 4, 11, 12)
01-Aug-01
2.1
Added value to AC Testing Load Circuit (Figure 15)
06-Aug-01
2.2
Fix text and table for “Setting the Alarm Clock” (Table 6)
13-Aug-01
2.3
Fix error in “Setting the Alarm Clock” text
07-Nov-01
2.4
Remove chipset option from Ordering Information (Table 17)
26-Mar-02
2.5
Replace “chipset” term with “solution,” as well as related changes throughout the
document
20-May-02
2.6
Modify reflow time and temperature footnotes (Table 7)
18-Nov-02
2.7
Modified SMT text (Figure 2, 5)
24-Oct-03
2.8
Remove references to M68Zxxx (obsolete) parts (Figure 5); corrected footnote (Table 11)
22-Feb-05
3.0
Reformatted; IR reflow, SO package updates (Table 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com