Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T129Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T129Y
Description  5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129Y Datasheet(HTML) 4 Page - STMicroelectronics

  M48T129Y Datasheet HTML 1Page - STMicroelectronics M48T129Y Datasheet HTML 2Page - STMicroelectronics M48T129Y Datasheet HTML 3Page - STMicroelectronics M48T129Y Datasheet HTML 4Page - STMicroelectronics M48T129Y Datasheet HTML 5Page - STMicroelectronics M48T129Y Datasheet HTML 6Page - STMicroelectronics M48T129Y Datasheet HTML 7Page - STMicroelectronics M48T129Y Datasheet HTML 8Page - STMicroelectronics M48T129Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
M48T129Y, M48T129V
4/30
DESCRIPTION
The M48T129Y/V TIMEKEEPER® RAM is a
128 Kb x 8 non-volatile static RAM and real-time
clock with programmable alarms and a watchdog
timer. The special DIP package provides a fully in-
tegrated battery back-up memory and real-time
clock solution. The M48T129Y/V directly replaces
industry standard 128 Kb x 8 SRAM. It also pro-
vides the non-volatility of Flash without any re-
quirement for special WRITE timing or limitations
on the number of WRITEs that can be performed.
For surface-mount environments ST provides an
equivalent SMT solution consisting of a 44-pin,
330mil
SOIC
TIMEKEEPER
SUPERVISOR
(M48T201V/Y) and a 32-pin, (TSOP, 8 x 20mm)
1Mb LPSRAM.
The 44-pin, 330mil SOIC provides sockets with
gold plated contacts at both ends for direct con-
nection to a separate SNAPHAT® housing con-
taining the battery.
The unique design allows the SNAPHAT battery
package to be mounted on top of the SOIC pack-
age after the completion of the surface-mount pro-
cess. Insertion of the SNAPHAT housing after
reflow prevents potential battery damage due to
the high temperatures required for device surface-
mounting. The SNAPHAT housing is keyed to pre-
vent reverse insertion.
The SNAPHAT battery package is shipped sepa-
rately in plastic anti-static tubes or in Tape & Reel
form. The part number is “M4Txx-BR12SH1” (see
Table 18., page 28).
The 32-pin, 600mil DIP Hybrid houses a controller
chip, SRAM, quartz crystal, and a long life lithium
button cell in a single package.
Figure 2. Logic Diagram
Table 1. Signal Names
AI02260
17
A0-A16
DQ0-DQ7
VCC
M48T129Y
M48T129V
G
VSS
8
E
W
RST
IRQ/FT
A0-A16
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable Input
G
Output Enable Input
W
WRITE Enable Input
RST
Reset Output (open drain)
IRQ/FT
Interrupt / Frequency Test
Output (open drain)
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com