Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TS4962_07 Datasheet HTML 30Page - STMicroelectronics TS4962_07 Datasheet HTML 31Page - STMicroelectronics TS4962_07 Datasheet HTML 32Page - STMicroelectronics TS4962_07 Datasheet HTML 33Page - STMicroelectronics TS4962_07 Datasheet HTML 34Page - STMicroelectronics TS4962_07 Datasheet HTML 35Page - STMicroelectronics TS4962_07 Datasheet HTML 36Page - STMicroelectronics TS4962_07 Datasheet HTML 37Page - STMicroelectronics TS4962_07 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Application information
TS4962
34/46
4.5
Decoupling of the circuit
A power supply capacitor, referred to as CS, is needed to correctly bypass the TS4962.
The TS4962 has a typical switching frequency at 250kHz and output fall and rise time about
5ns. Due to these very fast transients, careful decoupling is mandatory.
A 1µF ceramic capacitor is enough, but it must be located very close to the TS4962 in order
to avoid any extra parasitic inductance being created by an overly long track wire. In relation
with dI/dt, this parasitic inductance introduces an overvoltage that decreases the global
efficiency and, if it is too high, may cause a breakdown of the device.
In addition, even if a ceramic capacitor has an adequate high frequency ESR value, its
current capability is also important. A 0603 size is a good compromise, particularly when a
4
Ω load is used.
Another important parameter is the rated voltage of the capacitor. A 1µF/6.3V capacitor
used at 5V loses about 50% of its value. In fact, with a 5V power supply voltage, the
decoupling value is about 0.5µF instead of 1µF. As CS has particular influence on the
THD+N in the medium-high frequency region, this capacitor variation becomes decisive. In
addition, less decoupling means higher overshoots, which can be problematic if they reach
the power supply AMR value (6V).
4.6
Wake-up time (tWU)
When the standby is released to set the device ON, there is a wait of about 5ms. The
TS4962 has an internal digital delay that mutes the outputs and releases them after this
time in order to avoid any pop noise.
4.7
Shutdown time (tSTBY)
When the standby command is set, the time required to put the two output stages into high
impedance and to put the internal circuitry in standby mode is about 5ms. This time is used
to decrease the gain and avoid any pop noise during the shutdown phase.
4.8
Consumption in standby mode
Between the standby pin and GND there is an internal 300k
Ω resistor. This resistor forces
the TS4962 to be in standby mode when the standby input pin is left floating.
However, this resistor also introduces additional power consumption if the standby pin
voltage is not 0V.
For example, with a 0.4V standby voltage pin, Table 3: Operating conditions on page 7
shows that you must add 0.4V/300k
Ω=1.3µA in typical (0.4V/273kΩ=1.46µA in maximum) to
the standby current specified in Table 5 on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com