Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TS4962_07 Datasheet HTML 38Page - STMicroelectronics TS4962_07 Datasheet HTML 39Page - STMicroelectronics TS4962_07 Datasheet HTML 40Page - STMicroelectronics TS4962_07 Datasheet HTML 41Page - STMicroelectronics TS4962_07 Datasheet HTML 42Page - STMicroelectronics TS4962_07 Datasheet HTML 43Page - STMicroelectronics TS4962_07 Datasheet HTML 44Page - STMicroelectronics TS4962_07 Datasheet HTML 45Page - STMicroelectronics TS4962_07 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
TS4962
DFN8 package information
43/46
Figure 71.
DFN8 3x3 exposed pad package
Note:
DFN8 exposed pad (e2 x d2) is connected to pin number 7.
For enhanced thermal performance, the exposed pad must be soldered to a copper area on
the PCB, acting as heatsink. This copper area can be electrically connected to pin7 or left
floating.
Ref.
Dimensions
Millimeters
Mils
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.60
0.65
19.70
23.62
25.60
A1
0.02
0.05
0.79
1.97
A2
0.40
15.75
A3
0.15
0.22
5.90
8.67
b
0.25
0.30
0.35
9.85
11.81
13.78
D
2.85
3.00
3.15
112.20
118.10
124.00
D2
1.60
1.70
1.80
63.00
66.93
70.87
E
2.85
3.00
3.15
112.20
118.10
124.00
E2
1.10
1.20
1.30
43.30
47.25
51.18
e0.65
25.60
L
0.50
0.55
0.60
19.70
21.65
23.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com