Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4972 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS4972
Description  1.2W Audio Power Amplifier with Standby Mode Active High
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4972 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4972 Datasheet HTML 3Page - STMicroelectronics TS4972 Datasheet HTML 4Page - STMicroelectronics TS4972 Datasheet HTML 5Page - STMicroelectronics TS4972 Datasheet HTML 6Page - STMicroelectronics TS4972 Datasheet HTML 7Page - STMicroelectronics TS4972 Datasheet HTML 8Page - STMicroelectronics TS4972 Datasheet HTML 9Page - STMicroelectronics TS4972 Datasheet HTML 10Page - STMicroelectronics TS4972 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Electrical Characteristics
TS4972
7/30
Figure 7: Open Loop Frequency Response
Figure 8: Open Loop Frequency Response
Figure 9: Open Loop Frequency Response
0.3
1
10
100
1000
10000
-40
-20
0
20
40
60
80
100
-220
-200
-180
-160
-140
-120
-100
-80
Frequency (kHz)
Vcc = 5V
CL = 560pF
Tamb = 25
°C
Gain
Phase
0.3
1
10
100
1000
10000
-40
-20
0
20
40
60
80
100
-240
-220
-200
-180
-160
-140
-120
-100
-80
Frequency (kHz)
Vcc = 2.6V
CL = 560pF
Tamb = 25
°C
Gain
Phase
0.3
1
10
100
1000
10000
-40
-20
0
20
40
60
80
100
-240
-220
-200
-180
-160
-140
-120
-100
-80
Frequency (kHz)
Vcc = 3.3V
CL = 560pF
Tamb = 25
°C
Gain
Phase
Figure 10: Power Supply Rejection Ratio
(PSRR) vs Power supply
Figure 11: Power Supply Rejection Ratio
(PSRR) vs Bypass Capacitor
Figure 12: Power Supply Rejection Ratio
(PSRR) vs Feedback Resistor
10
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
Vcc = 5V, 3.3V & 2.6V
Cb = 1
µF & 0.1µF
Vripple = 200mVrms
Rfeed = 22
Input = floating
RL = 8
Tamb = 25
°C
Frequency (Hz)
10
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
Cb=100
µF
Cb=10
µF
Cb=47
µF
Cb=1
µF
Vcc = 5, 3.3 & 2.6V
Rfeed = 22k
Rin = 22k, Cin = 1
µF
Rg = 100
, RL = 8
Tamb = 25
°C
Frequency (Hz)
10
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
Rfeed=10k
Rfeed=22k
Rfeed=47k
Rfeed=110k
Vcc = 5, 3.3 & 2.6V
Cb = 1
µF & 0.1µF
Vripple = 200mVrms
Input = floating
RL = 8
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com