Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4972 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4972
Description  1.2W Audio Power Amplifier with Standby Mode Active High
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4972 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4972 Datasheet HTML 1Page - STMicroelectronics TS4972 Datasheet HTML 2Page - STMicroelectronics TS4972 Datasheet HTML 3Page - STMicroelectronics TS4972 Datasheet HTML 4Page - STMicroelectronics TS4972 Datasheet HTML 5Page - STMicroelectronics TS4972 Datasheet HTML 6Page - STMicroelectronics TS4972 Datasheet HTML 7Page - STMicroelectronics TS4972 Datasheet HTML 8Page - STMicroelectronics TS4972 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Electrical Characteristics
TS4972
5/30
Table 6: Components description
Remarks:
1. All measurements, except PSRR measurements, are made with a supply bypass capacitor Cs =
100µF.
2. External resistors are not needed for having better stability when supply @ Vcc down to 3V. By the
way, the quiescent current remains the same.
3. The standby response time is about 1µs.
Table 5: VCC = 2.6V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
I
CC
Supply Current
No input signal, no load
5.5
8
mA
ISTANDBY
Standby Current 1
No input signal, Vstdby = Vcc, RL = 8
10
1000
nA
Voo
Output Offset Voltage
No input signal, RL = 8
520
mV
Po
Output Power
THD = 1% Max, f = 1kHz, RL = 8
300
mW
THD + N
Total Harmonic Distortion + Noise
Po = 200mW rms, Gv = 2, 20Hz < f < 20kHz, RL = 8
0.1
%
PSRR
Power Supply Rejection Ratio2
f = 217Hz, RL = 8
Ω, RFeed = 22KΩ, Vripple = 200mV rms
75
dB
Φ
M
Phase Margin at Unity Gain
RL = 8Ω, CL = 500pF
70
Degrees
GM
Gain Margin
RL = 8Ω, CL = 500pF
20
dB
GBP
Gain Bandwidth Product
RL = 8Ω
2MHz
1)
Standby mode is actived when Vstdby is tied to Vcc
2)
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to Vcc @ f = 217Hz
Components
Functional Description
Rin
Inverting input resistor which sets the closed loop gain in conjunction with Rfeed. This resistor also
forms a high pass filter with Cin (fc = 1 / (2 x Pi x Rin x Cin))
Cin
Input coupling capacitor which blocks the DC voltage at the amplifier input terminal
Rfeed
Feed back resistor which sets the closed loop gain in conjunction with Rin
Cs
Supply Bypass capacitor which provides power supply filtering
Cb
Bypass pin capacitor which provides half supply filtering
Cfeed
Low pass filter capacitor allowing to cut the high frequency
(low pass filter cut-off frequency 1 / (2 x Pi x Rfeed x Cfeed))
Rstb
Pull-up resistor which fixes the right supply level on the standby pin
Gv
Closed loop gain in BTL configuration = 2 x (Rfeed / Rin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com