Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF51XX Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM8AF51XX
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF51XX Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM8AF51XX Datasheet HTML 92Page - STMicroelectronics STM8AF51XX Datasheet HTML 93Page - STMicroelectronics STM8AF51XX Datasheet HTML 94Page - STMicroelectronics STM8AF51XX Datasheet HTML 95Page - STMicroelectronics STM8AF51XX Datasheet HTML 96Page - STMicroelectronics STM8AF51XX Datasheet HTML 97Page - STMicroelectronics STM8AF51XX Datasheet HTML 98Page - STMicroelectronics STM8AF51XX Datasheet HTML 99Page - STMicroelectronics STM8AF51XX Datasheet HTML 100Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
STM8AF61xx, STM8AF51xx
STM8 development tools
97/100
14.2
Software tools
STM8 development tools are supported by a complete, free software package from STMi-
croelectronics that includes ST visual develop (STVD) IDE and the ST visual programmer
(STVP) software interface. STVD provides seamless integration of the Cosmic C compiler
for STM8, which is available in a free version that outputs up to 16 Kbytes of code.
14.2.1
STM8 toolset
STM8 toolset
with STVD integrated development environment and STVP programming
software is available for free download at www.st.com/mcu. This package includes:
ST visual develop
– Full-featured integrated development environment from ST, featuring
●
Seamless integration of C and ASM toolsets
●
Full-featured debugger
●
Project management
●
Syntax highlighting editor
●
Integrated programming interface
●
Support of advanced emulation features for STice such as code profiling and coverage
ST visual programmer (STVP)
– Easy-to-use, unlimited graphical interface allowing read,
write and verify of your STM8A microcontroller’s Flash memory. STVP also offers project
mode for saving programming configurations and automating programming sequences.
14.2.2
C and assembly toolchains
Control of C and assembly toolchains is seamlessly integrated into the STVD integrated
development environment, making it possible to configure and control the building of your
application directly from an easy-to-use graphical interface.
Available toolchains include:
●
C compiler for STM8
– Available in a free version that outputs up to 16 Kbytes of code.
For more information, see www.cosmic-software.com, www.raisonance.com
●
STM8 assembler linker
– Free assembly toolchain included in the STM8 toolset,
which allows you to assemble and link your application source code.
14.3
Programming tools
During the development cycle, STice provides in-circuit programming of the STM8A Flash
microcontroller on your application board via the SWIM protocol. Additional tools are to
include a low-cost in-circuit programmer as well as ST socket boards, which provide
dedicated programming platforms with sockets for programming your STM8A.
For production environments, programmers will include a complete range of gang and
automated programming solutions from third-party tool developers already supplying
programmers for the STM8 family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com