Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF51XX Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM8AF51XX
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF51XX Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM8AF51XX Datasheet HTML 41Page - STMicroelectronics STM8AF51XX Datasheet HTML 42Page - STMicroelectronics STM8AF51XX Datasheet HTML 43Page - STMicroelectronics STM8AF51XX Datasheet HTML 44Page - STMicroelectronics STM8AF51XX Datasheet HTML 45Page - STMicroelectronics STM8AF51XX Datasheet HTML 46Page - STMicroelectronics STM8AF51XX Datasheet HTML 47Page - STMicroelectronics STM8AF51XX Datasheet HTML 48Page - STMicroelectronics STM8AF51XX Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
STM8AF61xx, STM8AF51xx
Register mapping
45/100
00 5400h
ADC
ADC _CSR
ADC control/status register
00h
00 5401h
ADC_CR1
ADC configuration register 1
00h
00 5402h
ADC_CR2
ADC configuration register 2
00h
00 5403h
ADC_CR3
ADC configuration register 3
00h
00 5404h
ADC_DRH
ADC data register high
00h
00 5405h
ADC_DRL
ADC data register low
00h
00 5406h
ADC_TDRH
ADC Schmitt trigger disable register high
00h
00 5407h
ADC_TDRL
ADC Schmitt trigger disable register low
00h
00 5408h
to
00 541Fh
Reserved area (24 bytes)
00 5420h
CAN
CAN_MCR
CAN master control register
02h
00 5421h
CAN_MSR
CAN master status register
02h
00 5422h
CAN_TSR
CAN transmit status register
00h
00 5423h
CAN_TPR
CAN transmit priority register
0Ch
00 5424h
CAN_RFR
CAN receive FIFO register
00h
00 5425h
CAN_IER
CAN interrupt enable register
00h
00 5426h
CAN_DGR
CAN diagnosis register
0Ch
00 5427h
CAN_FPSR
CAN page selection register
00h
00 5428h
CAN_P0
CAN paged register 0
00h
00 5429h
CAN_P1
CAN paged register 1
00h
00 542Ah
CAN_P2
CAN paged register 2
00h
00 542Bh
CAN_P3
CAN paged register 3
00h
00 542Ch
CAN_P4
CAN paged register 4
00h
00 542Dh
CAN_P5
CAN paged register 5
00h
00 542Eh
CAN_P6
CAN paged register 6
00h
00 542Fh
CAN_P7
CAN paged register 7
00h
00 5430h
CAN_P8
CAN paged register 8
00h
00 5431h
CAN_P9
CAN paged register 9
00h
00 5432h
CAN_PA
CAN paged register A
00h
00 5433h
CAN_PB
CAN paged register B
00h
00 5434h
CAN_PC
CAN paged register C
00h
00 5435h
CAN_PD
CAN paged register D
00h
00 5436h
CAN_PE
CAN paged register E
00h
00 5437h
CAN_PF
CAN paged register F
00h
Table 10.
STM8A general hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com