Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7407TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7407TR
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7407TR Datasheet HTML 4Page - STMicroelectronics TDA7407TR Datasheet HTML 5Page - STMicroelectronics TDA7407TR Datasheet HTML 6Page - STMicroelectronics TDA7407TR Datasheet HTML 7Page - STMicroelectronics TDA7407TR Datasheet HTML 8Page - STMicroelectronics TDA7407TR Datasheet HTML 9Page - STMicroelectronics TDA7407TR Datasheet HTML 10Page - STMicroelectronics TDA7407TR Datasheet HTML 11Page - STMicroelectronics TDA7407TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Block diagram and pin connections
TDA7407
8/46
Table 1.
Pin Description
N.
Name
Function
Type
1
CDR
CD right channel input
I
2
CDROUT
CD output right channel
O
3
CDGND
CD input common ground
I
4
CDLOUT
CD output left channel
O
5
CDL
CD input left channel
I
6nc
-
7
PH -
Differential phone input -
I
8
PH +
Differential phone input +
I
9
AFS
AFS drive
I
10
AM
AM input
I
11
nc
-
12
MPX
FM stereo decoder input
I
13
nc
-
14
LEVEL
Level input stereo decoder
I
15
MPIN
Multipath input
I
16
MPOUT
Multipath output
O
17
nc
-
18
MUXL
Multiplexer output left channel
O
19
MUXR
Multiplexer output right channel
O
20
nc
-
21
QUAL
Stereo decoder quality output
O
22
SMUTE
Soft mute drive
I
23
SCL
I2C clock line
I
24
SDA
I2C data line
I/O
25
nc
-
26
GND
Supply ground
S
27
VS
Supply voltage
S
28
nc
-
29
OUTRR
Right rear speaker output
O
30
OUTLR
Left rear speaker output
O
31
OUTRF
Right front spaeaker output
O
32
OUTLF
Left front speaker output
O
33
nc
-
34
ACOUTR
Pre-speaker AC output right channel
O
35
ACOUTL
Pre-speaker AC output left channel
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com