Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7407TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7407TR
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7407TR Datasheet HTML 20Page - STMicroelectronics TDA7407TR Datasheet HTML 21Page - STMicroelectronics TDA7407TR Datasheet HTML 22Page - STMicroelectronics TDA7407TR Datasheet HTML 23Page - STMicroelectronics TDA7407TR Datasheet HTML 24Page - STMicroelectronics TDA7407TR Datasheet HTML 25Page - STMicroelectronics TDA7407TR Datasheet HTML 26Page - STMicroelectronics TDA7407TR Datasheet HTML 27Page - STMicroelectronics TDA7407TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Multipath detector
TDA7407
24/46
AC Outputs and the AC Input could be used as additional stereo inputs. The input
impedance of the AC Inputs is always 50K
Ω.
5.1.20
Speaker Attenuator
The speaker attenuators have exactely the same structure and range like the volume stage.
Figure 9.
Bass control @ fc = 80Hz, Q = 1
Figure 10.
Bass center @ Gain = 14dB, Q =1
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
10.0
100.0
1.0K
10.0K
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
Figure 11.
Bass quality factors @ Gain =14dB,
fc = 80Hz
Figure 12.
Bass normal and DC mode @ Gain
= 14dB, fc = 80Hz
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
Note: In general the center frequency, Q and DC-mode can be set
independently. The exception from this rule is the mode (5/xx1111xx)
where the center frequency is set to 150Hz instead of 100Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com