| Electronic Components Datasheet Search |
|
TDA7461N Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7461N Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 32 page ![]() DESCRIPTION OF THE AUDIOPROCESSOR PART Programmable Input Matrix The programmable input matrix of the TDA7461N offers several possibilities to adapt the audioproc- essor to the desired application. In to the stand- ard application we have: CD quasi differential Cassette stereo Phone differential AM mono Stereodecoder input. The input matrix can be configured by only 2 bits: bits 3 and 4 of subaddress 0. Basically the bit of subaddress 13 is fixed by the application and has to be programmed only once at the startup of the IC. For many configurations the two bits are also fixed during one application (e.g. the standard applica- tion) and a change of the input source can be done by loading the first three bits of subaddress 0. In other configurations for some sources a pro- gramming of bit 3 and 4 of subaddress 0 is nec- essary in addition to the three source selection bits. In every case only the subaddress 0 has to be changed to switch from one source to another. The following picture shows the input and source programming flow: TDA7461 CD QD CD FD APPL. 2 APPL. 1 APPL. 3 APPL. 5 APPL. 4 APPL. 6 CD QD CASSETTE FM STD AM MONO PHONE (D) CD QD CASSETTE FM STD AM STEREO PHONE (SE) CD QD CASSETTE FM STD AM STD PHONE (D) CD FD CASSETTE FM STD AM MONO PHONE (SE) CD FD CASSETTE FM STD AM STEREO CD FD CASSETTE FM STD AM STD PHONE (SE) D97AU632B Figure 1. Input Configuration Tree Note: in AMSTD configuration the AM mono signal is lead through the FM stereodecoder part to use its additional filters and high-cut function. PIN NUMBER Appl. No 6 8 9 10 Programming 1) 1CDGND PhoneGND Phone AMMONO Startup: 0/xxx11xxx 2CDGND PhoneGND AMRIGHT AMLEFT Startup: 0/xxxx1xxx FM AM Phone 0/xxx11100 0/xxx01011 0/xxx11010 3CDGND PhoneGND Phone AMSTD Startup: 0/xxxx1xxx FM AM Phone 0/xxx11100 0/xxx01100 0/xxx11010 4 CDRGND CDLGND Phone AMMONO Startup: 0/xxxx0xxx 5 CDRGND CDLGND AMRIGHT AMLEFT Startup: 0/xxxx0xxx FM AM 0/xxx10100 0/xxx00011 6 CDRGND CDLGND Phone AMSTD Startup: 0/xxxx0xxx FM AM Phone 0/xxx10100 0/xxx00100 0/xxx10010 1) Syntax 0/xxx11100 means: SUBADDRESS = 0 - DATA BYTE = xxx11100 (x - don’t care) TDA7461N 7/32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |