Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7461N Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7461N_03 Datasheet HTML 21Page - STMicroelectronics TDA7461N_03 Datasheet HTML 22Page - STMicroelectronics TDA7461N_03 Datasheet HTML 23Page - STMicroelectronics TDA7461N_03 Datasheet HTML 24Page - STMicroelectronics TDA7461N_03 Datasheet HTML 25Page - STMicroelectronics TDA7461N_03 Datasheet HTML 26Page - STMicroelectronics TDA7461N_03 Datasheet HTML 27Page - STMicroelectronics TDA7461N_03 Datasheet HTML 28Page - STMicroelectronics TDA7461N_03 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Bass & Treble Attenuation
MSB
LSB
BASS & TREBLE ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
1
1
:
1
1
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
1
:
0
1
1
0
:
1
0
Treble Steps
-14dB
-12dB
:
-2dB
0dB
0dB
+2dB
:
+12dB
+14dB
0
0
:
0
0
1
1
:
1
1
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
1
:
0
1
1
0
:
1
0
Bass Steps
-14dB
-12dB
:
-2dB
0dB
0dB
+2dB
:
+12dB
+14dB
For example 12dB Treble and -8dB Bass give the following DATA BYTE : 0 0 1 1 1 0 0 1.
Bass & Treble Filter Characteristics
MSB
LSB
BASS & TREBLE FILTER
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Treble
Center Frequency = 10 KHz
Center Frequency = 12.5 KHz
Center Frequency = 15 KHz
Center Frequency = 17.5 KHz
0
1
1
0
0
1
1
1
0
1
0
1
0
0
1
1
1
0
1
0
1
1
Bass
Center Frequency = 60 Hz
Center Frequency = 70 Hz
Center Frequency = 80 Hz
Center Frequency = 100Hz
Center Frequency = 150Hz
Quality factor = 1
Quality factor = 1.25
Quality factor = 1.5
Quality factor = 2
DC-Gain = 0dB
DC-Gain =
±4.4dB
0
1
AC Coupling (*)
For External Connection
Internally connected
For example Treble center frequency = 15kHz, Bass center frequency = 100Hz, Bass Q = 1 and DC = 0dB give the following DATA BYTE: 1
0 0 0 1 1 1 0
(*) For deeper information see application examples fig. 24 and fig. 25.
TDA7461N
25/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com