Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7482 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7482
Description  25W MONO CLASS-D AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7482 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7482 Datasheet HTML 1Page - STMicroelectronics TDA7482 Datasheet HTML 2Page - STMicroelectronics TDA7482 Datasheet HTML 3Page - STMicroelectronics TDA7482 Datasheet HTML 4Page - STMicroelectronics TDA7482 Datasheet HTML 5Page - STMicroelectronics TDA7482 Datasheet HTML 6Page - STMicroelectronics TDA7482 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TDA7482
October 2004
1FEATURES
■
25W OUTPUT POWER:
RL = 8
Ω/4Ω; THD = 10%
■
HIGH EFFICIENCY
■
WIDE SUPPLY VOLTAGE RANGE (UP TO
±25V)
■
SPLIT SUPPLY
■
OVERVOLTAGEPROTECTION
■
ST-BY AND MUTE FEATURES
■
SHORT CIRCUIT PROTECTION
■
THERMAL OVERLOAD PROTECTION
2DESCRIPTION
The TDA7482 is an audio class-D amplifier as-
sembled in Multiwatt15 package specially de-
signed for high efficiency applications mainly for
TV and Home Stereo sets.
25W MONO CLASS-D AMPLIFIER
Figure 2. Test and Application Circuit.
L1 60
µH
8
Ω
+
-
+
-
PWM
PRE
9
5
C2 0.33
µF
IN1
C4 4.7nF
FEEDCAP
OUT
BOOT
C11
100nF
C12
560pF
R5
150
Ω
C14
470nF
3
1
VREG
C15
100nF
R4 12K
Ω
12
2
C10
2200
µF
C9
100nF
SGN-GND
7
MUTE
ST-BY
10
13
11
+VCC
ST-BY/
MUTE
C1
2.2
µF
R3
30K
R2
10K
VCC SIGN
C7
2200
µF
IN1
D96AU538C
-VCC
(Pin 14,15)
C6
100nF
C3
1nF
R1
10K
+5V
VCC POW
4
N.C.
C5 100nF
BOOTDIODE
C8
270pF
6
8
14,15
-VCC SIGN
FREQ
-VCC POW
(RF)
-VCC
Rev. 4
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7482
Multiwatt15
Multiwatt15


Similar Part No. - TDA7482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
More results

Similar Description - TDA7482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
TDA7490 STMICROELECTRONICS-TDA7490 Datasheet
193Kb / 10P
25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
Rev. 6
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
MAX9737 MAXIM-MAX9737 Datasheet
347Kb / 13P
Mono 7W Class D Amplifier
Rev 0; 10/08
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
Mono 2W Class D Amplifier
Rev 0; 8/09
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com