Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X67TAY Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM8AP5X67TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X67TAY Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM8AP5X67TAY Datasheet HTML 9Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 10Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 11Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 12Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 13Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 14Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 15Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 16Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
STM8AF61xx, STM8AF51xx
Product overview
13/100
5.2
Single wire interface module (SWIM) and debug module
The single wire interface module, SWIM, together with an integrated debug module, permits
non-intrusive, real-time in-circuit debugging and fast memory programming.
5.2.1
SWIM
Single wire interface for direct access to the debugging module and memory programming.
The interface can be activated in all device operation modes and supports hot-plugging. The
maximum data transmission speed is 145 bytes/ms.
5.2.2
Debug module
The non-intrusive debugging module features a performance close to a full-featured
emulator. Besides memory and peripheral operation, CPU operation can also be monitored
in real-time by means of shadow registers.
●
R/W of RAM and peripheral registers in real-time
●
R/W for all resources when the application is stopped
●
Breakpoints on all program-memory instructions (software breakpoints) except the
vector table
●
Two advanced breakpoints and 23 predefined configurations
5.3
Interrupt controller
●
Nested interrupts with three software priority levels
●
32 interrupt vectors with hardware priority
●
Up to 37 external interrupts on five vectors
●
Trap and reset interrupts
5.4
Non-volatile memory
●
Up to 128 Kbytes of program single voltage Flash memory
●
Up to 2 Kbytes true (not emulated) data EEPROM
●
Read while write: Writing in the data memory is possible while executing code in the
program memory
●
128 user option bytes permit permanent device set up
5.4.1
Architecture
●
Array: Up to 128 Kbytes of Flash program memory organized in blocks of 128 bytes
each
●
Read granularity: 1 word = 4 bytes
●
Write/erase granularity: 1 word (4 bytes) or 1 block (128 bytes) in parallel
Writing, erasing, word and block register management is handled automatically by the
memory interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com