Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X67TAY Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM8AP5X67TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X67TAY Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM8AP5X67TAY Datasheet HTML 28Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 29Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 30Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 31Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 32Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 33Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 34Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 35Page - STMicroelectronics STM8AP5X67TAY Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
Pinouts and pin description
STM8AF61xx, STM8AF51xx
32/100
6.2.1
Alternate function remapping
As shown in the rightmost column of Table 6, some alternate functions can be remapped at different I/O
ports by programming one of eight AFR (alternate function remap) option bits. Refer to Section 10:
Option bytes on page 49. When the remapping option is active, the default alternate function is no longer
available.
To use an alternate function, the corresponding peripheral must be enabled in the peripheral registers.
Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the GPIO section of
the STM8A microcontroller family reference manual, RM0009).
73 57 41 25 PD0/TIM3_CC2
I/O
X
XX
HS O3
X
X Port D0
Timer 3 - channel
2
TIM1_BKIN
[AFR3]/
CLK_CCO
[AFR2]
74 58 42 26 PD1/SWIM
I/O
X
X
XHS O4
X
X Port D1
SWIM data
interface
75 59 43 27 PD2/TIM3_CC1
I/O
X
XX
HS O3
X
X Port D2
Timer 3 - channel
1
TIM2_CC3
[AFR1]
76 60 44 28 PD3/TIM2_CC2
I/O
X
XX
HS O3
X
X Port D3
Timer 2 - channel
2
ADC_ETR
[AFR0]
77 61 45 29
PD4/TIM2_CC1/B
EEP
I/O
X
XX
HS O3
X
X Port D4
Timer 2 - channel
1
BEEP
output
[AFR7]
78 62 46 30
PD5/
LINUART_TX
I/O
X
XX
O1
X
X Port D5
LINUART data
transmit
79 63 47 31
PD6/
LINUART_RX
I/O
X
XX
O1
X
X
Port D6
LINUART data
receive
Caution: This pin must be held low
during power on
80 64 48 32 PD7/TLI
I/O
X
XX
O1
X
X Port D7
Top level interrupt
TIM1_CC4
[AFR4]
1.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer and protection diode to VDD are not
implemented)
Table 6.
STM8A microcontroller family pin description (continued)
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default alternate
function
Alternate
function
after
remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com