Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X77TAY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8AP5X77TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X77TAY Datasheet(HTML) 1 Page - STMicroelectronics

  STM8AP5X77TAY Datasheet HTML 1Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 2Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 3Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 4Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 5Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 6Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 7Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 8Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
August 2008
Rev 2
1/100
1
STM8AF61xx, STM8H61xx
STM8AF51xx, STM8AH51xx
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM,
10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
Features
Core
■ Max fCPU: 24 MHz
■ Advanced STM8A core with Harvard
architecture and 3-stage pipeline
■ Average 1.6 cycles/instruction resulting in 10
MIPS at 16 MHz fCPU for industry standard
benchmark
Memories
■ Program memory: 48 to 128 Kbytes Flash; data
retention 20 years at 55 °C after 1 kcycle
■ Data memory: 1.5 to 2 Kbytes true data
EEPROM; endurance 300 kcycles
■ RAM: 3 to 6 Kbytes
Clock management
■ Low power crystal resonator oscillator with
external clock input
■ Internal, user-trimmable 16 MHz RC and low
power 128 kHz RC oscillators
■ Clock security system with clock monitor
Reset and supply management
■ Multiple low power modes (wait, slow, auto
wake-up, halt) with user definable clock gating
■ Low consumption power-on and power-down
reset
Interrupt management
■ Nested interrupt controller with 32 interrupt
vectors
■ Up to 37 external interrupts on 5 vectors
Timers
■ Up to 2 auto-reload 16-bit PWM timers with up
to 3 CAPCOM channels each (IC, OC or PWM)
■ Multipurpose timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-time
insertion and flexible synchronization
■ 8-bit AR system timer with 8-bit prescaler
■ Auto wake-up timer
■ 2 watchdog timers: Window and standard
Communication interfaces
■ High speed 1 Mbit/s active CAN 2.0B interface
■ USART with clock output for synchronous
operation - LIN master mode
■ LINUART LIN 2.1 compliant, master/slave
modes with automatic resynchronization
■ SPI interface up to 10 Mbit/s or (fCPU/2)
■ I2C interface up to 400 Kbit/s
Analog to digital converter (ADC)
■ 10-bit, 3 LSB ADC with up to 16 multiplexed
channels
I/Os
■ Up to 70 user pins including 10 high sink I/Os
■ Highly robust I/O design, immune against
current injection
Table 1.
Device summary(1)
1.
This datasheet applies to product versions with and
without data EEPROM. The order code identifier is ‘F’
or ‘H’ respectively, only one of which appears in an
order code.
STM8AF61xx/STM8AH61xx (without CAN)
STM8AF/H61AA, STM8AF/H619A, STM8AF/H61A9,
STM8AF/H6199, STM8AF/H6189, STM8AF/H6179,
STM8AF/H6169, STM8AF/H61A8, STM8AF/H6198,
STM8AF/H6188, STM8AF/H6178, STM8AF/H6186,
STM8AF/H6176
STM8AF51xx/STM8AH51xx (with CAN)
STM8AF/H51AA, STM8AF/H519A, STM8AF/H51A9,
STM8AF/H5199, STM8AF/H5189, STM8AF/H5179,
STM8AF/H5169, STM8AF/H51A8, STM8AF/H5198,
STM8AF/H5188, STM8AF/H5178
LQFP80 14x14
LQFP48 7x7
LQFP32 7x7
LQFP64 10x10
www.st.com


Similar Part No. - STM8AP5X77TAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AP6246ITAU STMICROELECTRONICS-STM8AP6246ITAU Datasheet
1Mb / 99P
Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
14-Jun-2016
STM8AP6246ITAX STMICROELECTRONICS-STM8AP6246ITAX Datasheet
1Mb / 99P
Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
14-Jun-2016
STM8AP6246ITAY STMICROELECTRONICS-STM8AP6246ITAY Datasheet
1Mb / 99P
Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
14-Jun-2016
STM8AP6246ITCU STMICROELECTRONICS-STM8AP6246ITCU Datasheet
1Mb / 99P
Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
14-Jun-2016
STM8AP6246ITCX STMICROELECTRONICS-STM8AP6246ITCX Datasheet
1Mb / 99P
Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
14-Jun-2016
More results

Similar Description - STM8AP5X77TAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I²C
23-Jun-2008
STM8AF52AA STMICROELECTRONICS-STM8AF52AA Datasheet
1Mb / 110P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
18-Jul-2012
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
18-Jul-2012
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF526X STMICROELECTRONICS-STM8AF526X Datasheet
1Mb / 125P
Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
10-Nov-2016
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
26-Jun-2015
STM8AF6213 STMICROELECTRONICS-STM8AF6213_V01 Datasheet
2Mb / 112P
Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
01-Apr-2020
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6388 STMICROELECTRONICS-STM8AF6388 Datasheet
1Mb / 116P
Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
24-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com