Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X77TAY Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM8AP5X77TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X77TAY Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM8AP5X77TAY Datasheet HTML 32Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 33Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 34Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 35Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 36Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 37Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 38Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 39Page - STMicroelectronics STM8AP5X77TAY Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
Register mapping
STM8AF61xx, STM8AF51xx
36/100
9
Register mapping
Table 9.
STM8A I/O port hardware register map
Address
Block
Register label
Register name
Reset
status
00 5000h
Port A
PA_ODR
Port A data output latch register
00h
00 5001h
PA_IDR
Port A input pin value register
00h
00 5002h
PA_DDR
Port A data direction register
00h
00 5003h
PA_CR1
Port A control register 1
00h
00 5004h
PA_CR2
Port A control register 2
00h
00 5005h
Port B
PB_ODR
Port B data output latch register
00h
00 5006h
PB_IDR
Port B input pin value register
00h
00 5007h
PB_DDR
Port B data direction register
00h
00 5008h
PB_CR1
Port B control register 1
00h
00 5009h
PB_CR2
Port B control register 2
00h
00 500Ah
Port C
PC_ODR
Port C data output latch register
00h
00 500Bh
PC_IDR
Port C input pin value register
00h
00 500Ch
PC_DDR
Port C data direction register
00h
00 500Dh
PC_CR1
Port C control register 1
00h
00 500Eh
PC_CR2
Port C control register 2
00h
00 500Fh
Port D
PD_ODR
Port D data output latch register
00h
00 5010h
PD_IDR
Port D input pin value register
00h
00 5011h
PD_DDR
Port D data direction register
00h
00 5012h
PD_CR1
Port D control register 1
00h
00 5013h
PD_CR2
Port D control register 2
00h
00 5014h
Port E
PE_ODR
Port E data output latch register
00h
00 5015h
PE_IDR
Port E input pin value register
00h
00 5016h
PE_DDR
Port E data direction register
00h
00 5017h
PE_CR1
Port E control register 1
00h
00 5018h
PE_CR2
Port E control register 2
00h
00 5019h
Port F
PF_ODR
Port F data output latch register
00h
00 501Ah
PF_IDR
Port F input pin value register
00h
00 501Bh
PF_DDR
Port F data direction register
00h
00 501Ch
PF_CR1
Port F control register 1
00h
00 501Dh
PF_CR2
Port F control register 2
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com