Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC14 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC14
Description  Hex Schmitt inverter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC14 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC14_08 Datasheet HTML 1Page - STMicroelectronics M74HC14_08 Datasheet HTML 2Page - STMicroelectronics M74HC14_08 Datasheet HTML 3Page - STMicroelectronics M74HC14_08 Datasheet HTML 4Page - STMicroelectronics M74HC14_08 Datasheet HTML 5Page - STMicroelectronics M74HC14_08 Datasheet HTML 6Page - STMicroelectronics M74HC14_08 Datasheet HTML 7Page - STMicroelectronics M74HC14_08 Datasheet HTML 8Page - STMicroelectronics M74HC14_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2008
Rev 2
1/14
14
M74HC14
Hex Schmitt inverter
Features
■ High speed:
tPD =12 ns (typ.) at VCC = 6 V
■ Low power dissipation:
ICC = 1 μA (max.) at TA =25°C
■ High noise immunity:
VH = 1.2 V (typ.) at VCC = 6 V
■ Symmetrical output impedance:
|IOH| = IOL = 4 mA (min.)
■ Balanced propagation delays:
tPLH ≅ tPHL
■ Wide operating voltage range:
VCC (opr) = 2 to 6 V
■ Pin and function compatible with 74 series 14
Description
The M74HC14 is a high speed CMOS hex
Schmitt inverter fabricated with silicon gate
C2MOS technology. Pin configuration and
functions are the same as those of the M74HC04
but all the inputs have 20% VCC hysteresis level.
This, together with its Schmitt trigger function,
allows the device to be used on line receivers with
slow rise/fall input signals.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
SO-14
TSSOP14
DIP-14
Table 1.
Device summary
Order code
Package
Packaging
M74HC14B1R
DIP-14
Tube
M74HC14RM13TR
SO-14
Tape and reel
M74HC14TTR
TSSOP14
Tape and reel
www.st.com


Similar Part No. - M74HC14_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC147 STMICROELECTRONICS-M74HC147 Datasheet
241Kb / 10P
10 TO 4 LINE PRIORITY ENCODER
Oct-1992
M74HC147B1R STMICROELECTRONICS-M74HC147B1R Datasheet
241Kb / 10P
10 TO 4 LINE PRIORITY ENCODER
Oct-1992
M74HC147C1R STMICROELECTRONICS-M74HC147C1R Datasheet
241Kb / 10P
10 TO 4 LINE PRIORITY ENCODER
Oct-1992
M74HC147M1R STMICROELECTRONICS-M74HC147M1R Datasheet
241Kb / 10P
10 TO 4 LINE PRIORITY ENCODER
Oct-1992
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
252Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Oct-1992
More results

Similar Description - M74HC14_08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
Hex Schmitt Inverter
February, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
Hex Schmitt Inverter
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
Hex Schmitt Inverter
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
HEX SCHMITT INVERTER
Apr-2001
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
Hex Schmitt Inverter
May, 2011 ??Rev. 10
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com