Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC14 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC14
Description  Hex Schmitt inverter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC14 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC14_08 Datasheet HTML 1Page - STMicroelectronics M74HC14_08 Datasheet HTML 2Page - STMicroelectronics M74HC14_08 Datasheet HTML 3Page - STMicroelectronics M74HC14_08 Datasheet HTML 4Page - STMicroelectronics M74HC14_08 Datasheet HTML 5Page - STMicroelectronics M74HC14_08 Datasheet HTML 6Page - STMicroelectronics M74HC14_08 Datasheet HTML 7Page - STMicroelectronics M74HC14_08 Datasheet HTML 8Page - STMicroelectronics M74HC14_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
M74HC14
Electrical characteristics
5/14
Table 7.
AC electrical characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
-40 to 85 °C
-55 to
125 °C
Min
Typ
Max
Min
Max
Min
Max
tTLH tTHL
Output transition
time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL
Propagation delay
time
2.0
42
125
155
190
ns
4.5
14
25
31
38
6.0
12
21
16
32
Table 8.
Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min
Typ
Max
Min
Max
Min
Max
CIN
Input capacitance
5.0
5
10
10
10
pF
CPD
Power dissipation
capacitance(1)
5.0
fIN = 10 MHz
28
pF
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current
consumption without load. (Refer to test circuit). Average operating current can be obtained by the following equation:
ICC(opr) = CPD x VCC x fIN + ICC/6(per gate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com