Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X6BTAY Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8AP5X6BTAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X6BTAY Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8AP5X6BTAY Datasheet HTML 26Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 27Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 28Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 29Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 30Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 31Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 32Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 33Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
Pinouts and pin description
STM8AF61xx, STM8AF51xx
30/100
27 23 15
-
PB7/AIN7
I/O
X
XX
O1
X
X Port B7
Analog input 7
28 24 16
-
PB6/AIN6
I/O
X
XX
O1
X
X Port B6
Analog input 6
29 25 17 11 PB5/AIN5
I/O
X
XX
O1
X
X Port B5
Analog input 5
I2C_SDA
[AFR6]
30 26 18 12 PB4/AIN4
I/O
X
XX
O1
X
X Port B4
Analog input 4
I2C_SCL
[AFR6]
31 27 19 13 PB3/AIN3
I/O
X
XX
O1
X
X Port B3
Analog input 3
TIM1_ETR
[AFR5]
32 28 20 14 PB2/AIN2
I/O
X
XX
O1
X
X Port B2
Analog input
TIM1_
NCC3
[AFR5]
33 29 21 15 PB1/AIN1
I/O
X
XX
O1
X
X Port B1
Analog input 1
TIM1_
NCC2
[AFR5]
34 30 22 16 PB0/AIN0
I/O
X
XX
O1
X
X Port B0
Analog input 0
TIM1_
NCC1
[AFR5]
35
-
-
-
PH4/TIM1_ETR
I/O
X
XO1
X
X Port H4
Timer 1 - trigger
input
36
-
-
-
PH5/ TIM1_NCC3 I/O
X
XO1
X
X Port H5
Timer 1 - inverted
channel 3
37
-
-
-
PH6/TIM1_NCC2 I/O
X
XO1
X
X Port H6
Timer 1 - inverted
channel 2
38
-
-
-
PH7/TIM1_NCC1 I/O
X
XO1
X
X Port H7
Timer 1 - inverted
channel 2
39 31 23
-
PE7/AIN8
I/O
X
XO1
X
X Port E7
Analog input 8
40 32 24
PE6/AIN9
I/O
X
XX
O1
X
X Port E7
Analog input 9
41 33 25 17 PE5/SPI_NSS
I/O
X
XX
O1
X
X Port E5
SPI master/slave
select
42
-
-
-
PC0/ADC_ETR
I/O
X
XX
O1
X
X Port C0
ADC trigger input
43 34 26 18 PC1/TIM1_CC1
I/O
X
XX
HS O3
X
X Port C1
Timer 1 - channel
1
44 35 27 19 PC2/TIM1_CC2
I/O
X
XX
HS O3
X
X Port C2
Timer 1- channel
2
45 36 28 20 PC3/TIM1_CC3
I/O
X
XX
HS O3
X
X Port C3
Timer 1 - channel
3
Table 6.
STM8A microcontroller family pin description (continued)
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default alternate
function
Alternate
function
after
remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com