Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X6BTAY Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM8AP5X6BTAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X6BTAY Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM8AP5X6BTAY Datasheet HTML 29Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 30Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 31Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 32Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 33Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 34Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 35Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 36Page - STMicroelectronics STM8AP5X6BTAY Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
STM8AF61xx, STM8AF51xx
Memory map
33/100
7
Memory map
Figure 7.
Register and memory map
Table 7.
Stack and RAM partitioning
Product
Kbytes
RAM size
Kbytes
RAM end
Stack size
Stack start
Dec
Hex
128
6
17FF
1024
0400
1400
Up to 2 Kbytes data EEPROM
Option and engineering bytes
HW registers
2 Kbytes ROM
CPU registers
IT vectors
Up to 128 Kbytes code Flash
00 0000
00 1800
00 4000
00 4800
00 5000
00 5800
00 6000
00 6800
00 7F00
00 8000
02 7FFF
00 8080
Reserved
Reserved
Up to 1 Kbyte stack
Up to 6 Kbytes RAM
00 4900
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com