Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC390 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M74HC390
Description  Dual decade counter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC390 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M74HC390 Datasheet HTML 6Page - STMicroelectronics M74HC390 Datasheet HTML 7Page - STMicroelectronics M74HC390 Datasheet HTML 8Page - STMicroelectronics M74HC390 Datasheet HTML 9Page - STMicroelectronics M74HC390 Datasheet HTML 10Page - STMicroelectronics M74HC390 Datasheet HTML 11Page - STMicroelectronics M74HC390 Datasheet HTML 12Page - STMicroelectronics M74HC390 Datasheet HTML 13Page - STMicroelectronics M74HC390 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical characteristics
M74HC390
10/17
Table 7. AC electrical characteristics (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
tTLH tTHL
Output transition
time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH
tPHL
Propagation delay
time
(CLOCK A - QA)
2.0
42
120
150
180
ns
4.5
14
24
30
36
6.0
12
20
26
31
tPLH
tPHL
Propagation delay
time
(CLOCK A-
QB,QD)
2.0
45
120
150
180
ns
4.5
15
24
30
36
6.0
13
20
26
31
tPLH
tPHL
Propagation delay
time
(CLOCK A - QC)
2.0
QA Connected to CKB
108
280
350
420
ns
4.5
36
56
70
84
6.0
31
48
60
71
tPLH
tPHL
Propagation delay
time
(CLOCK B - QC)
2.0
72
185
230
280
ns
4.5
24
37
46
56
6.0
20
31
39
48
tPHL
Propagation delay
time (CLEAR -
Qn)
2.0
45
125
155
190
ns
4.5
15
25
31
38
6.0
13
21
26
32
fMAX
Maximum clock
frequency
(CLOCK A - QA)
2.0
8.4
17
6.8
5.6
MHz
4.5
42
65
34
28
6.0
50
79
40
33
fMAX
Maximum clock
frequency
(CLOCK B - QB)
2.0
8.4
17
6.8
5.6
MHz
4.5
42
67
34
28
6.0
50
79
40
33
tW(H)
tW(L)
Minimum pulse
width (CLOCK)
2.0
24
75
95
110
ns
4.5
6
15
19
22
6.0
5
13
16
19
tW(H)
Minimum pulse
width (CLEAR)
2.0
24
75
95
110
ns
4.5
6
15
19
22
6.0
5
13
16
19
tREM
Minimum removal
time
2.0
25
30
35
ns
4.5
5
6
7
6.0
5
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com