Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC390 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M74HC390
Description  Dual decade counter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC390 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M74HC390 Datasheet HTML 7Page - STMicroelectronics M74HC390 Datasheet HTML 8Page - STMicroelectronics M74HC390 Datasheet HTML 9Page - STMicroelectronics M74HC390 Datasheet HTML 10Page - STMicroelectronics M74HC390 Datasheet HTML 11Page - STMicroelectronics M74HC390 Datasheet HTML 12Page - STMicroelectronics M74HC390 Datasheet HTML 13Page - STMicroelectronics M74HC390 Datasheet HTML 14Page - STMicroelectronics M74HC390 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
M74HC390
Electrical characteristics
11/17
Table 8. Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
CIN
Input
capacitance
510
10
10
pF
CPD
Power
dissipation
capacitance
(1)
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to Test Circuit). Average operating current can be
obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
84
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com