Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6681A Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM6681A
Description  Dual synchronous step-down controller with adjustable LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM6681A Datasheet HTML 25Page - STMicroelectronics PM6681A Datasheet HTML 26Page - STMicroelectronics PM6681A Datasheet HTML 27Page - STMicroelectronics PM6681A Datasheet HTML 28Page - STMicroelectronics PM6681A Datasheet HTML 29Page - STMicroelectronics PM6681A Datasheet HTML 30Page - STMicroelectronics PM6681A Datasheet HTML 31Page - STMicroelectronics PM6681A Datasheet HTML 32Page - STMicroelectronics PM6681A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
PM6681A
Monitoring and protections
29/47
8
Monitoring and protections
8.1
Power Good signals
The PM6681A provides three independent Power Good signals: one for each switching
section (PGOOD1/PGOOD2).
PGOOD1/PGOOD2 signals are low if the output voltage is out of ± 10 % of the designed set
point or during the soft-start, standby and shutdown mode.
8.2
Thermal protection
The PM6681A has a thermal protection to preserve the device from overheating. The
thermal shutdown occurs when the die temperature goes above +150 °C. In this case all
internal circuitry is turned off and the power sections are turned off after the discharge
mode.
A power on reset or a toggle on the SHDN pin is necessary to restart the device.
8.3
Overvoltage protection
When the switching output voltage goes over the OVP threshold (about 116 % of its nominal
value), the low side MOSFET turns on. The LS MOSFET is kept on until the output voltage
returns under the OVP threshold.
8.4
Undervoltage protection
When the switching output voltage is below 70 % of its nominal value, a latched
undervoltage protection occurs. In this case the switching section is immediately disabled
and both switches are open. The controller enters in soft-end mode and the output is
eventually kept to ground, turning low side MOSFET on. The undervoltage circuit protection
is enabled only at the end of the soft-start. Once an overvoltage protection has been
detected, a toggle on SHDN, EN1/EN2 pin or a power on reset is necessary to clear the
undervoltage fault and starts with a new soft-start phase.
Table 10.
Protections and operatives modes
Mode
Conditions
Description
Overvoltage
protection
OUT1/OUT2 > 115 % of
the nominal value
LGATE1/LGATE2 pin is forced high until the output
voltage is over the OVP threshold, LDO5 remains
active.
Undervoltage
protection
OUT1/OUT2 < 70 % of the
nominal value
LGATE1/LGATE2 is forced high after the soft-end
mode, LDO5 remains active. Exit by a power on reset
or toggling SHDN or EN1/EN2
Thermal
shutdown
TJ > +150 °C
All circuitry off. Exit by a POR on VIN or toggling
SHDN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com