Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6681A Datasheet(PDF) 41 Page - STMicroelectronics

Part # PM6681A
Description  Dual synchronous step-down controller with adjustable LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PM6681A Datasheet HTML 37Page - STMicroelectronics PM6681A Datasheet HTML 38Page - STMicroelectronics PM6681A Datasheet HTML 39Page - STMicroelectronics PM6681A Datasheet HTML 40Page - STMicroelectronics PM6681A Datasheet HTML 41Page - STMicroelectronics PM6681A Datasheet HTML 42Page - STMicroelectronics PM6681A Datasheet HTML 43Page - STMicroelectronics PM6681A Datasheet HTML 44Page - STMicroelectronics PM6681A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
PM6681A
Design guidelines
41/47
(Let's assume Tmax = 75 °C in RDS(on) calculation)
9.8.5
Input capacitor
Maximum input capacitor RMS current is about 1.1 A. Then ICinRMS > 1.1 A
We can put two 10
µF ceramic capacitors with I
rms = 1.5 A.
9.8.6
Synchronous rectifier
OUT1: Schottky diode STPS1L40M
OUT2: Schottky diode STPS1L40M
9.8.7
Integrator loop
(Refer to Figure 40)
OUT1: The ripple is smaller than 40mV, then the virtual ESR network is required.
CINT = 1 nF; Cfilt = 47 pF; RINT = 1 kΩ
C = 5.6 nF; R = 36 k
Ω; R1 = 3 kΩ
OUT2: The ripple is smaller than 40mV, then the virtual ESR network is required.
CINT = 1 nF; Cfilt = 110 pF; RINT = 1 kΩ
C = 5.6 nF; R = 22 k
Ω; R1 = 3.3 kΩ
9.8.8
Output feedback divider
(Refer to Figure 32)
OUT1: R1 = 10 k
Ω; R2 = 6.8 kΩ
OUT2: R1 = 11 k
Ω; R2 = 1.8 kΩ
Ω
≈
Ω
⋅
µ
≡
680
m
25
.
16
A
100
A
2
.
4
RCSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com