Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM6T
Description  TransilTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T Datasheet(HTML) 3 Page - STMicroelectronics

  SM6T Datasheet HTML 1Page - STMicroelectronics SM6T Datasheet HTML 2Page - STMicroelectronics SM6T Datasheet HTML 3Page - STMicroelectronics SM6T Datasheet HTML 4Page - STMicroelectronics SM6T Datasheet HTML 5Page - STMicroelectronics SM6T Datasheet HTML 6Page - STMicroelectronics SM6T Datasheet HTML 7Page - STMicroelectronics SM6T Datasheet HTML 8Page - STMicroelectronics SM6T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SM6T
Characteristics
3/9
Table 4.
Electrical characteristics, parameter values (Tamb = 25 °C)
Order code
IRM @ VRM
(1)
VBR @ IR
(2)
VCL @ IPP
10/1000 µs(3)
VCL @ IPP
8/20 µs(3)
αT(4)
C(5)
max
min nom max
max
max
max
typ
µA
(Tj=25°C)
µA
(Tj=85°C)
VV
V
V
mA
V
A
V
A
10-4/°C
pF
SM6T6V8A/CA
10
50
5.8
6.45
6.8
7.14
10
10.5
57
13.4
298
5.7
4000
SM6T7V5A/CA
10
50
6.4
7.13
7.5
7.88
10
11.3
53
14.5
276
6.1
3700
SM6T10A/CA
1
10
8.55
9.5
10
10.5
1
14.5
41
18.6
215
7.3
2800
SM6T12A/CA
0.5
1
10.2 11.4
12
12.6
1
16.7
36
21.7
184
7.8
2300
SM6T15A/CA
0.5
1
12.8 14.3
15
15.8
1
21.2
28
27.2
147
8.4
1900
SM6T18A/CA
0.5
1
15.3 17.1
18
18.9
1
25.2
24
32.5
123
8.8
1600
SM6T22A/CA
0.5
1
18.8 20.9
22
23.1
1
30.6
20
39.3
102
9.2
1350
SM6T24A/CA
0.5
1
20.5 22.8
24
25.2
1
33.2
18
42.8
93
9.4
1250
SM6T27A/CA
0.5
1
23.1 25.7
27
28.4
1
37.5
16
48.3
83
9.6
1150
SM6T27AY(6)
0.5
1
23.1 25.7
27
28.4
1
37.5
16
48.3
83
9.6
1150
SM6T30A/CA
0.5
1
25.6 28.5
30
31.5
1
41.5
14.5
53.5
75
9.7
1075
SM6T33A/CA
0.5
1
28.2 31.4
33
34.7
1
45.7
13.1
59.0
68
9.8
1000
SM6T36A/CA
0.5
1
30.8 34.2
36
37.8
1
49.9
12
64.3
62
9.9
950
SM6T36AY(6)
0.5
1
30.8 34.2
36
37.8
1
49.9
12
64.3
62
9.9
950
SM6T39A/CA
0.5
1
33.3 37.1
39
41.0
1
53.9
11.1
69.7
57
10.0
900
SM6T39AY(6)
0.5
1
33.3 37.1
39
41.0
1
53.9
11.1
69.7
57
10.0
900
SM6T68A/CA
0.5
1
58.1 64.6
68
71.4
1
92
6.5
121
33
10.4
625
SM6T75A/CA
0.5
1
64.1 71.3
75
78.8
1
103
5.8
134
30
10.5
575
SM6T100A/CA
0.5
1
85.5 95.0
100
105
1
137
4.4
178
22.5
10.6
500
SM6T150A/CA
0.5
1
128
143
150
158
1
207
2.9
265
15
10.8
400
SM6T200A/CA
0.5
1
171
190
200
210
1
274
2.2
353
11.3
10.8
350
SM6T220A/CA
0.5
1
188
209
220
231
1
328
2
388
10.3
10.8
330
1.
For bidirectional types having VRM ≤ 10 V, IRM shown should be multiplied by 2.
2.
Pulse test: tp < 50 ms
3.
For pulse definition see Figure 1.
4.
ΔVBR = αT * (Tamb - 25) * VBR(25 °C)
5.
VR = 0 V, F = 1 MHz. For bidirectional types, capacitance value shown should be divided by 2.
6.
Automotive grade version (qualified according to AEC Q101)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com