Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM6T
Description  TransilTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T Datasheet(HTML) 5 Page - STMicroelectronics

  SM6T Datasheet HTML 1Page - STMicroelectronics SM6T Datasheet HTML 2Page - STMicroelectronics SM6T Datasheet HTML 3Page - STMicroelectronics SM6T Datasheet HTML 4Page - STMicroelectronics SM6T Datasheet HTML 5Page - STMicroelectronics SM6T Datasheet HTML 6Page - STMicroelectronics SM6T Datasheet HTML 7Page - STMicroelectronics SM6T Datasheet HTML 8Page - STMicroelectronics SM6T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SM6T
Characteristics
5/9
Figure 9.
Relative variation of leakage current versus junction temperature
Figure 5.
Capacitance versus reverse
applied voltage for unidirectional
types (typical values)
Figure 6.
Capacitance versus reverse applied
voltage for bidirectional types
(typical values)
C (pF)
110
100
10
100
1000
10000
SM6T6V8A
SM6T 15A
SM6T 30A
SM6T 68A
SM6T 220A
V(V)
R
Tj = 25° C
F= 1 MHz
500
C (pF)
110
100
10
100
1000
10000
SM6T6V8CA
SM6T 15CA
SM6T 30CA
SM6T 68CA
SM6T 220CA
V(V)
R
Tj = 25° C
F= 1 MHz
500
Figure 7.
Peak forward voltage drop versus
peak forward current for
unidirectional types (typical values)
Figure 8.
Transient thermal resistance
junction to ambient versus pulse
duration (printed circuit board FR4
e(Cu) = 35 µm)
0.01
0.1
1
10
100
1000
1
10
100
s
Zth (j-a) (°C/W)
tp
T (° C)
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com