Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFEC10 Datasheet(PDF) 22 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 22 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 18Page - Lattice Semiconductor LFEC10 Datasheet HTML 19Page - Lattice Semiconductor LFEC10 Datasheet HTML 20Page - Lattice Semiconductor LFEC10 Datasheet HTML 21Page - Lattice Semiconductor LFEC10 Datasheet HTML 22Page - Lattice Semiconductor LFEC10 Datasheet HTML 23Page - Lattice Semiconductor LFEC10 Datasheet HTML 24Page - Lattice Semiconductor LFEC10 Datasheet HTML 25Page - Lattice Semiconductor LFEC10 Datasheet HTML 26Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 163 page
background image
2-19
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Signed and Unsigned with Different Widths
The DSP block supports different widths of signed and unsigned multipliers besides x9, x18 and x36 widths. For
unsigned operands, unused upper data bits should be filled to create a valid x9, x18 or x36 operand. For signed
two’s complement operands, sign extension of the most significant bit should be performed until x9, x18 or x36
width is reached. Table 2-8 provides an example of this.
Table 2-8. An Example of Sign Extension
OVERFLOW Flag from MAC
The sysDSP block provides an overflow output to indicate that the accumulator has overflowed. When two
unsigned numbers are added and the result is a smaller number then accumulator roll over is said to occur and
overflow signal is indicated. When two positive numbers are added with a negative sum and when two negative
numbers are added with a positive sum, then the accumulator “roll-over” is said to have occurred and an overflow
signal is indicated. Note when overflow occurs the overflow flag is present for only one cycle. By counting these
overflow pulses in FPGA logic, larger accumulators can be constructed. The conditions overflow signals for signed
and unsigned operands are listed in Figure 2-23.
Figure 2-23. Accumulator Overflow/Underflow Conditions
Number Unsigned
Unsigned
9-bit
Unsigned
18-bit
Signed
Two’s Complement
Signed 9-Bits
Two’s Complement
Signed 18-bits
+5
0101
000000101
000000000000000101
0101
000000101
000000000000000101
-6
0110
000000110
000000000000000110
1010
111111010
111111111111111010
000000000
000000001
000000010
000000011
111111101
111111110
111111111
Overflow signal is generated
for one cycle when this
boundary is crossed
0
+1
+2
+3
-3
-2
-1
Unsigned Operation
Signed Operation
0101111111
0101111110
0101111101
0101111100
1010000010
1010000001
1010000000
255
254
253
252
254
255
256
000000000
000000001
000000010
000000011
111111101
111111110
111111111
Carry signal is generated for
one cycle when this
boundary is crossed
0
1
2
3
509
510
511
0101111111
0101111110
0101111101
0101111100
1010000010
1010000001
1010000000
255
254
253
252
258
257
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com