Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA011 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 11Page - STMicroelectronics STA011 Datasheet HTML 12Page - STMicroelectronics STA011 Datasheet HTML 13Page - STMicroelectronics STA011 Datasheet HTML 14Page - STMicroelectronics STA011 Datasheet HTML 15Page - STMicroelectronics STA011 Datasheet HTML 16Page - STMicroelectronics STA011 Datasheet HTML 17Page - STMicroelectronics STA011 Datasheet HTML 18Page - STMicroelectronics STA011 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
STA011
Electrical specifications
15/38
Output parameter (TLCK)
VOH
Digital output signals
High
VP-.7
VP
V
VOL
Low
VN
VN+.7
V
tr
Rise time
C=5pF
0.4
0.6
µs/V
tf
Fall time
C=5pF
0.4
0.6
µs/V
Differential digital interface (M_CLK1, M_CLK2)
VOH
Digital output signals,
V(M_CLK1)-V(M_CLK2)
High
0.3
V
VOL
Low
-0.3
V
VDC,M_CLK
M_CLK1,2 Common mode
voltage
VP-1.65
VP-1.4
VP-1.2
tr
Rise time
Cl=5pF each pin
10
12
ns
tf
Fall time
C=5pF
10
12
ns
Zout
Output impedance
balanced
500
Ω
FM_CLK1
M_CLK frequency
Using a 14.72MHz
quartz
14.72
MHz
FM_CLK2
M_CLK frequency
Using a 14.725MHz
quartz
14.725
MHz
Table 14.
Digital interface to MP (SCL,SDA,TLCK), ENRFOSC and XOSEL interface (continued)
(Tamb = 25°C, VP-VN = 3V)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
Table 15.
Additional optional interface (REF)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
PREF
External reference input power
It must be AC coupled to
REF, XOSel low
-2
0
dBm
VDC
REF DC voltage
XOSel low
VP-1.2
VP-1.35
VP-1.6
V
Rin
Input resistance
70
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com