Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA011 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 24Page - STMicroelectronics STA011 Datasheet HTML 25Page - STMicroelectronics STA011 Datasheet HTML 26Page - STMicroelectronics STA011 Datasheet HTML 27Page - STMicroelectronics STA011 Datasheet HTML 28Page - STMicroelectronics STA011 Datasheet HTML 29Page - STMicroelectronics STA011 Datasheet HTML 30Page - STMicroelectronics STA011 Datasheet HTML 31Page - STMicroelectronics STA011 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Programming specifications
STA011
28/38
6.1.4
VCO enable
The internal RFVCO can also be enabled via hardware mode through the ENRFOSC pin.
With the ENRFOSC pin high the software mode is disabled and the RFVCO is turned ON;
with the ENRFOSC pin low the software mode is enabled, depending on the truth table
described above .
6.1.5
VCO output voltage
6.1.6
Charge pump current setting
Table 22.
VCO enable
D95
D94
Description
Notes
10
Internal RFVCO
Startup configuration
11
External RFLO
Table 23.
VCO output voltage
D93
D92
Description
Notes
00
Vout=1Vpp
Startup configuration
01
Vout=2Vpp
10
Vout=3Vpp
11
Vout=4Vpp
Table 24.
Charge pump current
D90
D89
D88
Description
Notes
00
0
ICP=300uA
…….
01
1
ICP=400uA
Startup configuration
.
…….
11
1
ICP=600uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com