Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA529B Datasheet(PDF) 52 Page - STMicroelectronics

Part # STA529B
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529B Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STA529B Datasheet HTML 48Page - STMicroelectronics STA529B Datasheet HTML 49Page - STMicroelectronics STA529B Datasheet HTML 50Page - STMicroelectronics STA529B Datasheet HTML 51Page - STMicroelectronics STA529B Datasheet HTML 52Page - STMicroelectronics STA529B Datasheet HTML 53Page - STMicroelectronics STA529B Datasheet HTML 54Page - STMicroelectronics STA529B Datasheet HTML 55Page - STMicroelectronics STA529B Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
Registers
STA529
52/58
POWST
Power bridge status register
Address:
0x32
Type:
RO
Buffer:
No
Reset:
Undefined
Description:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
POW_
POWERDOWN
POW_
TRISTATE
POW_FAULT1A
POW_FAULT1B
POW_FAULT2A
POW_FAULT2B
7 POW_POWERDOWN: power-down bridge:
0: not in power-down state
1: power-down state
6 POW_TRISTATE:
1: power bridge is in tri-state
5POW_FAULT1A:
1: power bridge 1A is in fault state
4POW_FAULT1B:
1: power bridge 1B is in fault state
3POW_FAULT2A:
1: power bridge 2A is in fault state
2POW_FAULT2B:
1: power bridge 2B is in fault state
1:0 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com