Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA529B Datasheet(PDF) 50 Page - STMicroelectronics

Part # STA529B
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529B Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STA529B Datasheet HTML 46Page - STMicroelectronics STA529B Datasheet HTML 47Page - STMicroelectronics STA529B Datasheet HTML 48Page - STMicroelectronics STA529B Datasheet HTML 49Page - STMicroelectronics STA529B Datasheet HTML 50Page - STMicroelectronics STA529B Datasheet HTML 51Page - STMicroelectronics STA529B Datasheet HTML 52Page - STMicroelectronics STA529B Datasheet HTML 53Page - STMicroelectronics STA529B Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Registers
STA529
50/58
MISC
Miscellaneous configuration register
Address:
0x20
Type:
R/W
Buffer:
No
Reset:
0x21
Description:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSC_DIS
P2P_FS_RANGE[2:0]
ADC_FS_RANGE[1:0]
P2P_IN_ADC
CORE_
CLKENBL
7 OSC_DIS: enable/disable crystal oscillator:
0: default
1: disabled
6:4 P2P_FS_RANGE[2:0]: FFX audio frequency range:
000: very low (fs = 8 to 12 kHz) (default)
001: low (fs = 16 to 24 kHz) (default)
010: normal (fs = 32 to 48 kHz)
011: high (fs = 64 to 96 kHz)
1X: very high (fs = 128 to 192 kHz)
3:2 ADC_FS_RANGE[2:0]: ADC audio frequency range:
00: normal (fs = 32 to 48 kHz)
00: low (fs = 16 to 24 kHz)
1X: very low (fs = 8 to 12 kHz)
00: default
1 P2P_IN_ADC: FFX input:
0: FFX input is from serial-to-parallel audio interface (default)
1: FFX input is from ADC
0 CORE_CLKENBL: availability of system clock:
0: FFX system clock disabled
1: FFX system clock enabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com