Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA680 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 6Page - STMicroelectronics STA680 Datasheet HTML 7Page - STMicroelectronics STA680 Datasheet HTML 8Page - STMicroelectronics STA680 Datasheet HTML 9Page - STMicroelectronics STA680 Datasheet HTML 10Page - STMicroelectronics STA680 Datasheet HTML 11Page - STMicroelectronics STA680 Datasheet HTML 12Page - STMicroelectronics STA680 Datasheet HTML 13Page - STMicroelectronics STA680 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
System overview
STA680
10/43
2.3.3
Other
The spare computation power and memories are suitable to implement other specific
algorithms or custom software application. For example sophisticated sound and audio
processing could be implemented on the HD Radio decompressed audio. Audio output can
be provided either in IIS master clock mode or in slave mode with the on-chip audio sample
rate converter. Up to six audio channels may be provided in a standard configuration.
Another possibility is to implement on the STA680 the handling of data services.
2.4
Overview of main functional blocks
2.4.1
Adjacent channel filter
This module performs time domain filtering specifically for IBOC system. It receives a
complex base-band IBOC signal input from SRC module and pre-conditions the signal for
subsequent modem processing. The module is a front end device.
2.4.2
HiFi2
The HiFi2 is a signal processing engine specifically designed to provide high quality 24-bit
audio processing. The HiFi2 is also useful for advanced data applications such as storage
and playback of received audio and conditional access processing. The HiFi2 leverages the
Tensilica Xtensa LX engine with additional useful hardware capabilities such as:
●
Specialized instructions for 24-bit Audio MAC & stream coding
●
Dual MAC (each supports 24x24 and 32x16 bit format)
●
Huffman Encode / Decode and truncate functions
●
Two way SIMD arithmetic and Boolean operations
2.4.3
Vectra
The Vectra LX is a powerful, configurable 32-bit RISC engine optimized for DSP with VLIW
capabilities. The Vectra LX on board the STA680 includes eight MAC units, sixteen 160-bit
vector operation registers, and a number of SIMD arithmetic instructions. Custom
instructions in the Vectra are targeted for DSP applications such as filters and FFTs. The
Vectra processor has been further configured with specific instructions for efficient
performance on the HD Radio application.
2.4.4
DMA
A ten-channel DMA controller is attached to the AHB bus to allow the Vectra and HiFi2
processor cores to move large blocks of data efficiently. Certain channels are dedicated for
use with certain hardware blocks because of hardware handshaking signals.
2.4.5
Hardware accelerator (VITERBI)
A complex convolutional Viterbi module is designed to fully comply with the HD Radio
system. The module supports both K constant of 7 and 9, for IBOC digital FM and AM bands
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com