Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA680 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 22Page - STMicroelectronics STA680 Datasheet HTML 23Page - STMicroelectronics STA680 Datasheet HTML 24Page - STMicroelectronics STA680 Datasheet HTML 25Page - STMicroelectronics STA680 Datasheet HTML 26Page - STMicroelectronics STA680 Datasheet HTML 27Page - STMicroelectronics STA680 Datasheet HTML 28Page - STMicroelectronics STA680 Datasheet HTML 29Page - STMicroelectronics STA680 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Digital I/O and memory interfaces
STA680
26/43
5.2
Tuner interface
The STA680 provides two digital base-band interfaces, named BBI1 and BBI2, through
which the demodulated IBOC signals can enter the HD Radio decoder. The base-band
Tuner accepts the analog signal from the RF Tuner, samples it, performs down conversion
and filtering, and sends the zero-IF signal across a base-band interface (BBI) to the
STA680.
Using two interfaces the STA680 is able to decode two channels at the same time, allowing
the implementation of features such as the background scanning of HD Radio channels in
search of traffic or weather information.
The BBI consists of four-wires, 16 bit wide I and Q data and two clocks. MSB is always
transmitted first. All signals are assumed to be zero-if.
The native rate for FM is 744.1875 kS/s and for AM it is 46.51171875 kS/s. Sample rates of
650 kS/s, 675 kS/s, 882 kS/s and 912 kS/s are acceptable via the use of a sample rate
converter.
BBI2 is similar to BBI1 except BBI2 doesn’t have center filter so it is intended to be used for
digital modulated signal only. For pin description refers to the Table 5.
The data stream of the base-band interface varies depending on the mode selected.
Split mode splits I and Q data onto the BB1_I and BB1_Q pins, respectively. The rising and
falling edges of BB1_WS mark the beginning of each I and Q pair.
Multiplexed mode places the I and Q data onto the BB1_I data pin. The falling edge of
BB1_WS marks the start of the I data and the rising edge marks the start of Q data.
AFE mode uses a single clock pulse on BB1_WS to indicate the start of I data followed by Q
data using the BB1_I pin only.
Figure 9 show signals waveform for the three modes.
Table 6.
Base-band interfaces pin list
Pin name
Designation
Type
Drive
BB1_WS
Secondary base band interface word strobe
I
-
BB1_BCK
Primary base-band interface bit clock
I
-
BB1_I
Primary base-band interface serial I data
I
-
BB1_Q
Primary base-band interface serial Q data
I
-
BB2_WS
Secondary base-band interface word strobe
I
-
BB2_BCK
Secondary base-band interface bit clock
I
-
BB2_I
Secondary base-band interface serial I data
I
-
BB2_Q
Secondary base-band interface serial Q data
I
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com