Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLI8548H Datasheet(PDF) 2 Page - STMicroelectronics

Part # FLI8548H
Description  Single-chip enhanced LCD TV controller with HDMI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI8548H Datasheet(HTML) 2 Page - STMicroelectronics

  FLI8548H Datasheet HTML 1Page - STMicroelectronics FLI8548H Datasheet HTML 2Page - STMicroelectronics FLI8548H Datasheet HTML 3Page - STMicroelectronics FLI8548H Datasheet HTML 4Page - STMicroelectronics FLI8548H Datasheet HTML 5Page - STMicroelectronics FLI8548H Datasheet HTML 6Page - STMicroelectronics FLI8548H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Description
FLI8548H
2/7
1
Description
The FLI8548H offers high integration for advanced applications of Picture-in-Picture (PIP)
and Picture-by-Picture (PBP) with an integrated video decoder, a 3D comb filter, and an
HDMI receiver. Additionally, the FLI8548H can power up to 1080p displays with the proven
DCDi Cinema technology.
Special performance features such as the Faroudja DCDi Cinema video format converter,
10-bit performance in the device, and the upgraded Advanced Color Management (ACM-
3D) provide exceptional video quality. This video quality level that was exclusive to Faroudja
Home Theater Systems is now available in a single-chip solution.
The FLI8548H comprises an integrated Analog Front-End (AFE) that includes triple ADCs
and a cross-point switch. The flexible AFE ensures simple PCB design with direct
connections to TV tuners and input video connectors. Thus, the FLI8548H, for a single LCD
TV chassis, is able to support worldwide standards. Regional variation requirements are
reduced to connectors and firmware changes.
The integrated VBI dataslicer and decoder eliminate the need for external components
resulting in significant cost reduction. The FLI8548H supports many worldwide VBI
standards for applications of Teletext, Closed Captioning, V-Chip, and other VBI services.
The FLI8548H can also be used as part of a digital TV solution that requires the proven
Faroudja DCDi Cinema video performance.
An embedded microprocessor and a versatile OSD in a single device will facilitate rapid
development of a reliable and attractive product. The FLI8548H utilizes the common Cortez
family firmware making migration easy and effortless across different hardware platforms
within this family.
Figure 1.
System diagram
SCART or Analog RGB
FLI8548H
Display
up to
WUXGA
DDR
SDRAM
Program
Flash
Y/C
Component Video
TV
Tuner
RF
LVDS
16 configurable
analog inputs
Optional Second
Analog Channel
MPEG-2 Decoder
RF
DVI/
HDMI
1 Digital input
(24-bit)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com