Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLI8548H Datasheet(PDF) 3 Page - STMicroelectronics

Part # FLI8548H
Description  Single-chip enhanced LCD TV controller with HDMI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI8548H Datasheet(HTML) 3 Page - STMicroelectronics

  FLI8548H Datasheet HTML 1Page - STMicroelectronics FLI8548H Datasheet HTML 2Page - STMicroelectronics FLI8548H Datasheet HTML 3Page - STMicroelectronics FLI8548H Datasheet HTML 4Page - STMicroelectronics FLI8548H Datasheet HTML 5Page - STMicroelectronics FLI8548H Datasheet HTML 6Page - STMicroelectronics FLI8548H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FLI8548H
Feature attributes
3/7
2
Feature attributes
●
Flexible digital and analog capture
–
16 configurable analog inputs
–
Direct connection from tuner or connector to analog input pin
–
Integrated anti-aliasing filter
–
RGB capture up to 135 MHz and YUV capture up to 150 MHz
–
Full SCART support including RGB fast blank
–
4:4:4/4:2:2/CCIR656/601 8/16/24-bit digital input port
–
Simple connection to JPEG and MPEG processors with a 8-bit bi-directional
media port
–
Supports triple 10-bit ADCs for better SNR
–
HDMI input port supports up to 1080p digital video input
–
Integrated DVI 1.0 input supported
●
Integrated 3D video decoder and 10-bit ADC
–
Faroudja IntelliComb™ technology
–
3D adaptive comb filter for luma–chroma separation
–
Supports Composite, S-Video, and Component (including High Definition) video
input signals
–
Supports all broadcast TV video standards—NTSC (North America and Japan),
PAL (I, B, G, H, M, D, N), SECAM (D, K, L, B, G)
–
Macrovision® and VCR trick mode support
●
VBI signal processing
–
Multi-standard digital VBI dataslicer
–
WST Teletext FastText page support access > 2048 page cache
–
Supports WST level 2.5 and freeze frame
–
V-chip, VPS, Closed Captioning, XDS, CGMS, and WSS decode
●
Faroudja DCDI Cinema format conversion
–
Low angle de-interlacing processing
–
Per pixel Motion Adaptive De-interlacing (MADi) up to 1080i format
–
Format conversion up to WUXGA resolutions
–
Panoramic and anamorphic non-linear scaling
–
Adaptive media display processing for 3:2 and 2:2 video content
–
Adaptive 3D noise reduction
–
Media noise reduction for MPEG inputs
–
Supports 2.2 film mode processing
●
On-chip microprocessor
–
Integrated x186-based microprocessor with rich function library
–
General Purpose Inputs/Outputs (GPIOs) available for managing system devices
(keypad, backlight, NVRAM, etc.)
–
Advanced power control for low power stand-by mode
–
2-wire serial master bus interface for external device control



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com