Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3004LDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # M3004LDT
Description  REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3004LDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M3004LDT Datasheet HTML 3Page - STMicroelectronics M3004LDT Datasheet HTML 4Page - STMicroelectronics M3004LDT Datasheet HTML 5Page - STMicroelectronics M3004LDT Datasheet HTML 6Page - STMicroelectronics M3004LDT Datasheet HTML 7Page - STMicroelectronics M3004LDT Datasheet HTML 8Page - STMicroelectronics M3004LDT Datasheet HTML 9Page - STMicroelectronics M3004LDT Datasheet HTML 10Page - STMicroelectronics M3004LDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
M3004LD
ELECTRICAL CHARACTERISTICS
VSS = 0V, TA = 25°C (unless otherwise specified)
Table 6.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
TA = 0 to +70°C
2
6.5
V
IDD
Supply Current
• Active fOSC = 455kHz
REMO, Output unload
• Inactive (stand-by mode)
VDD = 3V
VDD = 6V
VDD = 6V
0.25
1.0
0.5
2
2
mA
mA
µA
fOSC
Oscill. Frequency
VDD = 2 to 6.5V (cer resonator)
350
600
kHz
KEYBOARD MATRIX - Inputs SE0N to SEN6N
VIL
Input Voltage Low
VDD = 2 to 6.5V
0.3 x VDD
V
VIH
Input Voltage High
VDD = 2 to 6.5V
0.7 x VDD
V
–II
Input Current
VDD = 2V, VI = 0V
VDD = 6.5V, VI = 0V
10
100
100
600
µA
µA
II
Input Leakage Current
VDD = 6.5V, VI = VDD
1µA
KEYBOARD MATRIX - Outputs DRV0N to DRV6N
VOL
Output Voltage ”ON”
VDD = 2V, IO = 0.1mA
VDD = 6.5V, IO = 2.5mA
0.3
0.6
V
V
IO
Output Current ”OFF”
VDD = 6.5V, VO = 11V
10
µA
CONTROL INPUT ADRM
VIL
Input Voltage Low
0.3 x VDD
V
VIH
Input Voltage High
0.7 x VDD
V
IIL
Input Current Low
(switched P and N
channel pull-up/pull
down)
Pull-up Act. Oper. Condition, VIN = VSS
VDD = 2V
VDD = 6.5V
10
100
100
600
µA
µA
IIH
Input Current High
(switched P and N
channel pull-up/pull
down)
Pull-down Act. Stand-by Cond.,VIN = VDD
VDD = 2V
VDD = 6.5V
10
100
100
600
µA
µA
DATA OUTPUT REMO
–IOH
Output Current High
VDD = 2V, VOH = 0.8V
VDD = 6.5V, VOH = 5V
60
80
mA
mA
IOL
Output Current Low
VDD = 2V, VOL = 0.4V
VDD = 6.5V, VOL = 0.4V
0.6
0.6
mA
mA
tOH
Pulse Length
VDD = 6.5V, Oscill. Stopped
1
ms
OSCILLATOR
II
Input Current
VDD = 2V
VDD = 6.5V, OSC1 at VDD
55
7
µA
µA
VOH
Output Voltage high
VDD = 6.5V, –IOL = 0.1mA
VDD – 0.8
V
VOL
Output Voltage Low
VDD = 6.5V, IOH = 0.1mA
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com