Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3004LDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # M3004LDT
Description  REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3004LDT Datasheet(HTML) 2 Page - STMicroelectronics

  M3004LDT Datasheet HTML 1Page - STMicroelectronics M3004LDT Datasheet HTML 2Page - STMicroelectronics M3004LDT Datasheet HTML 3Page - STMicroelectronics M3004LDT Datasheet HTML 4Page - STMicroelectronics M3004LDT Datasheet HTML 5Page - STMicroelectronics M3004LDT Datasheet HTML 6Page - STMicroelectronics M3004LDT Datasheet HTML 7Page - STMicroelectronics M3004LDT Datasheet HTML 8Page - STMicroelectronics M3004LDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M3004LD
2/14
Figure 3. Block Diagram
INPUTS AND OUTPUTS
Key matrix inputs and outputs (DRV0N to
DRV6N and SEN0N to SEN6N)
The transmitter keyboard is arranged as a
scanned matrix. The matrix consists of 7 driver
outputs and 7 sense inputs as shown in Figure 4.
The driver outputs DRV0N to DRV6N are open
drain N-channel transistors and they are conduc-
tive in the stand-by mode. The 7 sense inputs
(SEN0N to SEN6N) enable the generation of 56
command codes. With 2 external diodes all 64
commands are addressable. The sense inputs
have P-channel pull-up transistors so that they are
HIGH until they are pulled LOW by connecting
them to an output via a key depression to initiate a
code transmission.
ADDRESS MODE INPUT (ADRM)
The sub-system address and the transmission
mode are defined by connecting the ADRM input
to one or more driver outputs (DRV0N to DRV6N)
of the key matrix. If more than one driver is con-
nected to ADRM, they must be decoupled by di-
odes. This allows the definition of seven sub-
system addresses as shown in Table 3. If driver
DRV6N is connected to ADRM, the data output
format of REMO is modulated or if not connected,
flashed.
The ADRM input has switched pull-up and pull-
down loads. In the stand-by mode only the pull-
down device is active. Whether ADRM is open
(sub-system address 0, flashed mode) or connect-
ed to the driver outputs, this input is LOW and will
not cause unwanted dissipation. When the trans-
mitter becomes active by pressing a key, the pull-
down device is switched off and the pull-up device
is switched on, so that the applied driver signals
are sensed for the decoding of the sub-system ad-
dress and the mode of transmission.
The arrangement of the sub-system address cod-
ing is such that only the driver DRVnM with the
highest number (n) defines the sub-system ad-
dress, e.g. if drivers DRV2N and DRV4N are con-
nected to ADRM, only DRV4N will define the sub-
system address. This option can be used in sys-
tems requiring more than one sub-system ad-
dress. The transmitter may be hard-wired for
subsystem address 2 by connecting DRV1N to
ADRM. If now DRV3N is added to ADRM by a key
or a switch, the transmitted sub-system address
changes to 4. A change of the sub-system address
will not start a transmission.
ADRM
DRV OUTPUTS
0N 1N 2N 3N 4N 5N 6N
KEYBOARD
SCAN
0N
1N
2N
3N
4N
5N
6N
PULSE
DISTANCE
MODULATOR
CONTROL
LOGIC
OSCILLATOR
OSCI OSCO
VDD
VSS
REMO
OUTPUT
S
E
N
I
N
P
U
T
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com