Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR-09-B042 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPEAR-09-B042
Description  SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-B042 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPEAR-09-B042 Datasheet HTML 28Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 29Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 30Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 31Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 32Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 33Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 34Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 35Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Main blocks
SPEAR-09-B042
32/66
8.14
ADC controller
The ADC controller provides the following features:
●
Successive approximation ADC
●
10-bit resolution @ 1 Msps
●
Hardware supporting up to 13.5 bits resolution at 8 KSPS by oversampling and
accumulation
●
Eight analog input (AIN) channels, ranging from 0 to 2.5 V
●
INL ± 1 LSB, DNL ± 1 LSB
●
Programmable conversion speed, (min. conversion time is 1 µs)
●
Programmable average results from 1 (No average) up to 128
●
Programmable auto scan for all the eight channels.
8.15
UART
One SW flow control UART (one of these having IrDA features)
●
Separate 16x8 (16 location deep x 8-bit wide) transmit and 16x12 receive FIFOs to
reduce CPU interrupts
●
Speed up to 460.8 Kbps.
8.16
IrDA
IrDA compliant serial link (FIR/MIR/SIR) from 9.6Kbps to 4 Mbps speed-rate.
8.17
SPI
An SPI interface is provided. The main features are:
●
Maximum speed of 50 Mbps
●
Programmable choice of interface operation:
–
SPI,
–
Microwire
–
TI synchronous serial
●
Programmable data frame size from 4 to 16-bit.
●
Master and slave mode capability.
●
A connection to general purpose DMA is provided to reduce the CPU load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com