Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWE67C Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LWE67C
Description  Power TOPLED Hyper-Bright LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWE67C Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LWE67C Datasheet HTML 5Page - OSRAM GmbH LWE67C Datasheet HTML 6Page - OSRAM GmbH LWE67C Datasheet HTML 7Page - OSRAM GmbH LWE67C Datasheet HTML 8Page - OSRAM GmbH LWE67C Datasheet HTML 9Page - OSRAM GmbH LWE67C Datasheet HTML 10Page - OSRAM GmbH LWE67C Datasheet HTML 11Page - OSRAM GmbH LWE67C Datasheet HTML 12Page - OSRAM GmbH LWE67C Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LW E67C
2001-06-07
9
Relative Lichtstärke
I
V/IV(25 °C) = f (TA)
Relative Luminous Intensity
I
F = 30 mA
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
Farbortverschiebung x, y =
f (I
F)
Chromaticity Coordinate Shift
T
A = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
OHL01637
-20
0
V(25 ˚C)
I
A
T
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
˚C 100
IV
OHL01580
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
D =
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
0.5
0.05
0.10
0.15
0.20
0.30
0.2
0.1
0.25
0.295
0
Cy
Cx, Cy
Cx
IF
OHL01490
10
20
30
40
mA 60
0.300
0.305
0.310
0.315
0.320
0.325
0.330
0.335
OHL01579
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
0.1
D =
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
0.5
0.05
0.10
0.15
0.20
0.30
0.2
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com