Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWE67C Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LWE67C
Description  Power TOPLED Hyper-Bright LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWE67C Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LWE67C Datasheet HTML 2Page - OSRAM GmbH LWE67C Datasheet HTML 3Page - OSRAM GmbH LWE67C Datasheet HTML 4Page - OSRAM GmbH LWE67C Datasheet HTML 5Page - OSRAM GmbH LWE67C Datasheet HTML 6Page - OSRAM GmbH LWE67C Datasheet HTML 7Page - OSRAM GmbH LWE67C Datasheet HTML 8Page - OSRAM GmbH LWE67C Datasheet HTML 9Page - OSRAM GmbH LWE67C Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2001-06-07
6
LW E67C
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von
± 11% ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of
± 11%.
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: T2-4
Example: T2-4
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Lichtstärke
Luminous Intensity
I
V (mcd)
Lichtstrom
Luminous Flux
Φ
V (mlm)
T1
T2
U1
U2
V1
V2
280 … 355
355 … 450
450 … 560
560 … 710
710 … 900
900 … 1120
950 (typ.)
1200 (typ.)
1500 (typ.)
1900 (typ.)
2400 (typ.)
3000 (typ.)
Lichtgruppe
Luminous Intensity Group
Halbgruppe
Half Group
Farbortgruppe
Chromaticity Coordinate Group
T
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com